Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 541Page - Renesas Technology Corp 7721 Datasheet HTML 542Page - Renesas Technology Corp 7721 Datasheet HTML 543Page - Renesas Technology Corp 7721 Datasheet HTML 544Page - Renesas Technology Corp 7721 Datasheet HTML 545Page - Renesas Technology Corp 7721 Datasheet HTML 546Page - Renesas Technology Corp 7721 Datasheet HTML 547Page - Renesas Technology Corp 7721 Datasheet HTML 548Page - Renesas Technology Corp 7721 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 577 page
background image
7721 Group User’s Manual
17–82
APPENDIX
Appendix 11. Electrical characteristics
High-level output
voltage
High-level output
voltage
High-level output
voltage
High-level output
voltage
Low-level output
voltage
Low-level output
voltage
Low-level output
voltage
Low-level output
voltage
Hysteresis
Hysteresis
Hysteresis
High-level input
current
Low-level input
current
RAM hold voltage
Power source current
Electrical characteristics (VCC = 5 V, VSS = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz, unless otherwise noted)
Symbol
Parameter
Test conditions
Unit
2
0.45
1.9
0.43
1.6
0.4
1
0.5
0.3
5
–5
54
1
20
Limits
Min.
Typ.
27
Max.
VOH
VOH
VOH
VOH
VOL
VOL
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIL
VRAM
Icc
A0/MA0–A7/MA7, A8/D8–A15/D15, A16/D0–A23/D7, P43–
P47, P50–P57, P60–P67, P70–P77,
_________
P80–P87, P90–P97, P100–P107,
φ1, RESETOUT, ST0,
____
____
__
ST1, ALE, BLE, BHE, R/W
A0/MA0–A7/MA7, A8/D8–A15/D15, A16/D0–A23/D7, MA8,
____
____
____ ____
__
MA9, RAS, CAS,
φ1, ST0, ST1, BLE, BHE, R/W
ALE
__
E
A0/MA0–A7/MA7, A8/D8–A15/D15,
A16/D0–A23/D7, P43–P47, P50–P57, P60–P67,
P70–P77, P80–P87, P90–P97, P100–P107,
φ1,
________
____
____
__
RESETOUT, ST0, ST1, ALE, BLE, BHE, R/W
A0/MA0–A7/MA7, A8/D8–A15/D15,
____ ____
A16/D0–A23/D7, MA8, MA9, RAS, CAS,
φ1, ST0, ST1,
____
____
__
BLE, BHE, R/W
ALE
__
E
_____ ____
____ ____
HOLD, RDY, TA2IN–TA4IN, TB0IN, TB1IN, INT0–INT2,
_____
____
____
ADTRG, CTS0, CTS1, CLK0, CLK1,
________
________
___
DMAREQ0–DMAREQ3, TC
______
RESET
XIN
A8/D8–A15/D15, A16/D0–A23/D7, P43–P47, P50–P57,
P60–P67, P70–P77, P80–P87,
____
_____
P90–P97, P100–P107, RDY, HOLD, BYTE, CNVss,
______
XIN, RESET
A8/D8–A15/D15, A16/D0–A23/D7, P43–P47, P50–P57,
P60–P67, P70–P77, P80–P87, P90–P97, P100–P107,
____
_____
______
RDY, HOLD, BYTE, CNVss, XIN, RESET
IOH = –10 mA
IOH = –400
µA
IOH = –10 mA
IOH = –400
µA
IOH = –10 mA
IOH = –400
µA
IOL = 10 mA
IOL = 2 mA
IOL = 10 mA
IOL = 2 mA
IOL = 10 mA
IOL = 2 mA
VI = 5 V
VI = 0 V
When clock is stopped.
f(XIN) = 25 MHz (Square
waveform)
Ta = 25 °C (when clock
is stopped)
Ta = 85 °C (when clock
is stopped)
3
4.7
3.1
4.8
3.4
4.8
0.4
0.2
0.1
2
V
V
V
V
V
V
V
V
V
V
V
µA
µA
V
mA
µA
µA
A-D CONVERTER CHARACTERISTICS (VCC = 5 V, VSS = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz, unless otherwise noted)
Unit
Test conditions
VREF = VCC
VREF = VCC
VREF = VCC
Bits
LSB
k
Ω
µs
V
V
Symbol
—
—
RLADDER
tCONV
VREF
VIA
Parameter
Resolution
Absolute accuracy
Ladder resistance
Conversion time
Reference voltage
Analog input voltage
Min.
2
9.12
2
0
Max.
8
±3
10
VCC
VREF
Typ.
Limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com