Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 544Page - Renesas Technology Corp 7721 Datasheet HTML 545Page - Renesas Technology Corp 7721 Datasheet HTML 546Page - Renesas Technology Corp 7721 Datasheet HTML 547Page - Renesas Technology Corp 7721 Datasheet HTML 548Page - Renesas Technology Corp 7721 Datasheet HTML 549Page - Renesas Technology Corp 7721 Datasheet HTML 550Page - Renesas Technology Corp 7721 Datasheet HTML 551Page - Renesas Technology Corp 7721 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 577 page
background image
7721 Group User’s Manual
17–85
Appendix 11. Electrical characteristics
APPENDIX
Limits
tc(TB)
tw(TBH)
tw(TBL)
tc(TB)
tw(TBH)
tw(TBL)
TBjIN input cycle time (one edge count)
TBjIN input high-level pulse width (one edge count)
TBjIN input low-level pulse width (one edge count)
TBjIN input cycle time (both edges count)
TBjIN input high-level pulse width (both edges count)
TBjIN input low-level pulse width (both edges count)
Max.
Parameter
Timer B input (Count input in event counter mode)
Symbol
Min.
80
40
40
160
80
80
Unit
ns
ns
ns
ns
ns
ns
Timer B input (Pulse period measurement mode)
tc(TB)
tw(TBH)
tw(TBL)
TBjIN input cycle time
TBjIN input high-level pulse width
TBjIN input low-level pulse width
Symbol
Parameter
(Note)
(Note)
(Note)
Limits
Min.
320
160
160
Max.
Unit
ns
ns
ns
tc(TB)
tw(TBH)
tw(TBL)
TBjIN input cycle time
TBjIN input high-level pulse width
TBjIN input low-level pulse width
Symbol
Parameter
(Note)
(Note)
(Note)
Limits
Min.
320
160
160
Max.
Unit
ns
ns
ns
Timer B input (Pulse width measurement mode)
A-D trigger input
tc(AD)
tw(ADL)
ADTRG input cycle time (trigger enabled minimum)
ADTRG input low-level pulse width
Symbol
Parameter
Limits
Min.
1000
125
Max.
Unit
ns
ns
Serial I/O
tc(CK)
tw(CKH)
tw(CKL)
td(C–Q)
th(C–Q)
tsu(D–C)
th(C–D)
CLKi input cycle time
CLKi input high-level pulse width
CLKi input low-level pulse width
TxDi output delay time
TxDi hold time
RxDi input setup time
RxDi input hold time
Symbol
Parameter
Limits
Min.
200
100
100
0
20
90
Max.
Unit
ns
ns
ns
ns
ns
ns
ns
80
____
External interrupt INTi input
tw(INH)
tw(INL)
____
INTi input high-level pulse width
____
INTi input low-level pulse width
Symbol
Parameter
Limits
Min.
250
250
Max.
Unit
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com