Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 548Page - Renesas Technology Corp 7721 Datasheet HTML 549Page - Renesas Technology Corp 7721 Datasheet HTML 550Page - Renesas Technology Corp 7721 Datasheet HTML 551Page - Renesas Technology Corp 7721 Datasheet HTML 552Page - Renesas Technology Corp 7721 Datasheet HTML 553Page - Renesas Technology Corp 7721 Datasheet HTML 554Page - Renesas Technology Corp 7721 Datasheet HTML 555Page - Renesas Technology Corp 7721 Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 577 page
background image
7721 Group User’s Manual
17–89
Appendix 11. Electrical characteristics
APPENDIX
Microprocessor mode : with no Wait
Note: The limits depend on f(XIN). Table 4 lists calculation formulas for the limits.
Limits
tc
tw(H)
tw(L)
tr
tf
tsu(PiD–E)
th(E–PiD)
External clock input cycle time
External clock input high-level pulse width
External clock input low-level pulse width
External clock input rising time
External clock input falling time
Port Pi input setup time (i = 4–10)
Port Pi input hold time (i = 4–10)
Max.
Parameter
Timing requirements (VCC = 5 V ± 10 %, VSS = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz, unless otherwise noted)
Symbol
Min.
40
15
15
60
0
Unit
ns
ns
ns
ns
ns
ns
ns
8
8
Limits
td(E-PiQ)
td(AL–E)
td(E–DHQ)
tpxz(E–DHZ)
td(AM–E)
td(AM–ALE)
td(E–DLQ)
tpxz(E–DLZ)
td(AH–E)
td(AH–ALE)
td(ALE–E)
tw(ALE)
td(BHE–E)
td(BLE–E)
td(R/W–E)
td(E–φ1)
th(E–AL)
th(ALE–AM)
th(E–DHQ)
tpzx(E–DHZ)
th(E–AM)
th(ALE–AH)
th(E–DLQ)
tpzx(E–DLZ)
th(E–BHE)
th(E–BLE)
th(E–R/W)
tw(EL)
tsu(A–DL)
tsu(ALE–DL)
tsu(A–DH)
tsu(ALE–DH)
Port Pi data output delay time (i = 4–10)
Address low-order output delay time
Data high-order output delay time (BYTE = “L”)
Data high-order floating start delay time (BYTE = “L”)
Address middle-order output delay time
Address middle-order output delay time
Data low-order output delay time
Data low-order floating start delay time
Address high-order output delay time
Address high-order output delay time
ALE output delay time
ALE pulse width
____
BHE output delay time
____
BLE output delay time
__
R/W output delay time
φ1 output delay time
Address low-order hold time
Address middle-order hold time (BYTE = “L”)
Data high-order hold time (BYTE = “L”)
Data high-order floating release delay time (BYTE = “L”)
Address middle-order hold time (BYTE = “H”)
Address high-order hold time
Data low-order hold time
Data low-order floating release delay time
____
BHE hold time
____
BLE hold time
__
R/W hold time
E pulse width
Data low-order setup time after address stabilization
Data low-order setup time after rising of ALE
Data high-order setup time after address stabilization
Data high-order setup time after rising of ALE
Max.
Parameter
Switching characteristics (VCC = 5 V ± 10 %, VSS = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz, unless otherwise noted)
Symbol
Min.
15
15
5
15
5
4
22
20
20
20
0
18
9
18
20
18
9
18
20
18
18
18
55
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
80
35
0
35
0
18
50
55
50
55
Note: Figure 13 shows the test circuit.
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com