Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 556 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 556 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 552Page - Renesas Technology Corp 7721 Datasheet HTML 553Page - Renesas Technology Corp 7721 Datasheet HTML 554Page - Renesas Technology Corp 7721 Datasheet HTML 555Page - Renesas Technology Corp 7721 Datasheet HTML 556Page - Renesas Technology Corp 7721 Datasheet HTML 557Page - Renesas Technology Corp 7721 Datasheet HTML 558Page - Renesas Technology Corp 7721 Datasheet HTML 559Page - Renesas Technology Corp 7721 Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 577 page
background image
7721 Group User’s Manual
17–93
Appendix 11. Electrical characteristics
APPENDIX
td(AM-E)
td(AM-E)
tw(L) tw(H)
tr
tf
tc
tw(EL)
td(E- 1)
td(E- 1)
td(AL-E)
td(E-DHQ)
Address
td(E-DLQ)
td(AH-E)
Address
th(ALE-AM)
td(AM-ALE)
th(ALE-AH)
td(AH-ALE)
th(E-BHE)
td(BHE-E)
td(ALE-E)
tw(ALE)
th(E-R/W)
td(E-PiQ)
th(E-AL)
th(E-AM)
th(E-DHQ)
th(E-DLQ)
th(E-BLE)
td(BLE-E)
td(R/W-E)
Data
<Write>
Microprocessor mode : with Wait
f(XIN)
1
Address output
A0–A7
Port Pi output
(i = 4–10)
E
Address/Data output
A16/D0–A23/D7
ALE output
R/W output
Address output
A8–A15
(BYTE = “H”)
Address/Data output
A8/D8–A15/D15
(BYTE = “L”)
Data input
D0–D15
(BYTE = “L”)
Data input
D0–D7
BHE output
BLE output
Test conditions (port Pi)
•Vcc = 5 V ± 10 %
•Input timing voltage : VIL = 1.0 V, VIH = 4.0 V
•Output timing voltage : VOL = 0.8 V, VOH = 2.0 V
Test conditions (except port Pi)
•Vcc = 5 V ± 10 %
•Output timing voltage : VOL = 0.8 V, VOH = 2.0 V
•Data input : VIL = 0.8 V, VIH = 2.5 V
Address
Address
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com