Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 558 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 558 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 554Page - Renesas Technology Corp 7721 Datasheet HTML 555Page - Renesas Technology Corp 7721 Datasheet HTML 556Page - Renesas Technology Corp 7721 Datasheet HTML 557Page - Renesas Technology Corp 7721 Datasheet HTML 558Page - Renesas Technology Corp 7721 Datasheet HTML 559Page - Renesas Technology Corp 7721 Datasheet HTML 560Page - Renesas Technology Corp 7721 Datasheet HTML 561Page - Renesas Technology Corp 7721 Datasheet HTML 562Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 577 page
background image
7721 Group User’s Manual
17–95
Appendix 11. Electrical characteristics
APPENDIX
DRAM control switching characteristics (VCC = 5 V ± 10 %, VSS = 0 V, Ta = –20 to 85 °C,
f(XIN) = 25 MHz, unless otherwise noted)
Note: The limits depend on f(XIN). Table 5 lists calculation formulas for the limits.
Limits
tw(RASL)
tw(CASL)
tw(RASH)
td(RAS–CAS)
td(RA–RAS)
th(RAS–RA)
td(CA–CAS)
th(CAS–CA)
td(R/W–RAS)
th(CAS–R/W)
td(E–CA)
td(E–RASL)
td(E–CASL)
td(E–RASH)
td(E–CASH)
____
RAS low–level pulse width
____
CAS low–level pulse width
____
CAS high–level pulse width
____
____
RAS–CAS delay time
____
Row address delay time before RAS
____
Row address hold time after RAS
____
Column address delay time before CAS
____
Column address hold time after CAS
__
____
R/W delay time before RAS
__
____
R/W hold time after CAS
__
Column address delay time after E’s low level
____
__
RAS delay time after E’s low level
____
__
CAS delay time after E’s low level
____
__
RAS delay time after E’s high level
____
__
CAS delay time after E’s high level
Max.
Parameter
Read
Symbol
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Note: Figure 13 shows the test circuit.
Limits
tw(RASL)
tw(CASL)
tw(RASH)
td(RAS–CAS)
td(RA–RAS)
th(RAS–RA)
td(CA–CAS)
th(CAS–CA)
td(R/W–RAS)
th(CAS–R/W)
td(E–RASL)
td(E–CASL)
td(E–RASH)
td(E–CASH)
____
RAS low–level pulse width
____
CAS low–level pulse width
____
CAS high–level pulse width
____
____
RAS–CAS delay time
____
Row address delay time before RAS
____
Row address hold time after RAS
____
Column address delay time before CAS
____
Column address hold time afrer CAS
__
____
R/W delay time before RAS
__
____
R/W hold time after CAS
____
__
RAS delay time after E’s low level
____
__
CAS delay time after E’s low level
____
__
RAS delay time after E’s high level
____
__
CAS delay time after E’s high level
Max.
Parameter
Write
Symbol
Min.
120
55
60
60
5
18
10
60
18
18
80
0
0
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
30
115
20
20
Note: Figure 13 shows the test circuit.
Limits
tw(RASL)
tw(CASL)
td(CAS–RAS)
th(RAS–CAS)
____
RAS low–level pulse width
____
CAS low–level pulse width
____
___
CAS–RAS delay time
____
____
CAS hold time after RAS
Max.
Parameter
Refresh state
Symbol
Min.
120
55
17.5
17.5
Unit
ns
ns
ns
ns
(Note)
(Note)
(Note)
(Note)
Note: Figure 13 shows the test circuit.
65
30
77.5
20
20
Min.
120
92.5
60
28
5
18
5
100
18
18
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com