Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 559 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 559 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 555Page - Renesas Technology Corp 7721 Datasheet HTML 556Page - Renesas Technology Corp 7721 Datasheet HTML 557Page - Renesas Technology Corp 7721 Datasheet HTML 558Page - Renesas Technology Corp 7721 Datasheet HTML 559Page - Renesas Technology Corp 7721 Datasheet HTML 560Page - Renesas Technology Corp 7721 Datasheet HTML 561Page - Renesas Technology Corp 7721 Datasheet HTML 562Page - Renesas Technology Corp 7721 Datasheet HTML 563Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 577 page
background image
7721 Group User’s Manual
17–96
APPENDIX
Appendix 11. Electrical characteristics
R/W output
tw(RASH)
Row address
td(RAS-CAS)
td(RA-RAS)
td(R/W-RAS)
tw(RASL)
td(E-RASH)
th(CAS-R/W)
td(E-CASH)
tw(CASL)
th(CAS-CA)
td(E-CA)
td(CA-CAS)
th(RAS-RA)
td(E-RASL)
td(E-CASL)
MA0–MA9
output
At read
tw(RASH)
Column address
Row address
td(RAS-CAS)
td(RA-RAS)
td(R/W-RAS)
tw(RASL)
td(E-RASH)
th(CAS-R/W)
td(E-CASH)
tw(CASL)
th(CAS-CA)
td(CA-CAS)
th(RAS-RA)
td(E-RASL)
td(E-CASL)
tw(RASL)
td(CAS-RAS)
At refreshing
th(RAS-CAS)
tw(CASL)
At DRAM control
1
E
At write
CAS output
RAS output
R/W output
MA0–MA9
output
CAS output
RAS output
CAS output
RAS output
Column address
Test conditions
•Vcc = 5 V ± 10 %
•Output timing voltage : VOL = 0.8 V, VOH = 2.0 V
•D0–D15 input : VIL = 0.8 V, VIH = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com