Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 560 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 560 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 556Page - Renesas Technology Corp 7721 Datasheet HTML 557Page - Renesas Technology Corp 7721 Datasheet HTML 558Page - Renesas Technology Corp 7721 Datasheet HTML 559Page - Renesas Technology Corp 7721 Datasheet HTML 560Page - Renesas Technology Corp 7721 Datasheet HTML 561Page - Renesas Technology Corp 7721 Datasheet HTML 562Page - Renesas Technology Corp 7721 Datasheet HTML 563Page - Renesas Technology Corp 7721 Datasheet HTML 564Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 577 page
background image
7721 Group User’s Manual
17–97
Appendix 11. Electrical characteristics
APPENDIX
DMAC switching characteristics (VCC = 5 V ±10 %, VSS = 0 V, Ta = –20 to 85 °C, f(XIN) = 25 MHz,
unless otherwise noted)
Note: The limits depend on f(XIN). Table 6 lists calculation formulas for the limits.
Limits
tsu(DRQ-φ1)
tw(DRQ)
td(φ1–STi)
td(φ1–DAK)
td(AL–E)
td(E–DHQ)
tpxz(E–DHZ)
td(AM–E)
td(E–DLQ)
tpxz(E–DLZ)
td(AH–E)
td(ALE–E)
tw(ALE)
td(BHE–E)
td(BLE–E)
td(R/W–E)
th(E–AL)
th(ALE–AM)
th(E–DHQ)
tpzx(E–DHZ)
th(E–AM)
th(ALE–AH)
th(E–DLQ)
tpzx(E–DLZ)
th(E–BHE)
th(E–BLE)
th(E–R/W)
tw(EL)
td(data)
td(φ1–TC)
tw(TC)
tsu(TCIN)
tw(TCIN)
________
DMAREQi input setup time
________
DMAREQi input pulse width
ST0, ST1 output delay time
________
DMAACKi output delay time
Address low-order output delay time
Data high-order output delay time (BYTE = “L”)
Data high-order floating start delay time (BYTE = “L”)
Address middle-order output delay time
Data low-order output delay time
Data low-order floating start delay time
Address high-order output delay time
ALE output delay time
ALE pulse width
____
BHE output delay time
____
BLE output delay time
__
R/W output delay time
Address low-order hold time
Address middle-order hold time (BYTE = “L”)
Data high-order hold time (BYTE = “L”)
Data high-order floating release delay time (BYTE = “L”)
Address middle-order hold time (BYTE = “H”)
Address high-order hold time
Data low-order hold time
Data low-order floating release delay time
____
BHE hold time
____
BLE hold time
__
R/W hold time
__
E pulse width
Copy delay time
___
TC output delay time
___
TC output pulse width
___
TC input setup time
___
TC input pulse width
Max.
Parameter
Symbol
Min.
60
80
15
15
4
22
20
20
20
18
9
18
20
18
9
18
20
18
18
18
55
50
50
60
80
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
40
60
35
0
35
0
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
(Note)
50
Note: Figures 13 and 14 show the test circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com