Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 534Page - Renesas Technology Corp 7721 Datasheet HTML 535Page - Renesas Technology Corp 7721 Datasheet HTML 536Page - Renesas Technology Corp 7721 Datasheet HTML 537Page - Renesas Technology Corp 7721 Datasheet HTML 538Page - Renesas Technology Corp 7721 Datasheet HTML 539Page - Renesas Technology Corp 7721 Datasheet HTML 540Page - Renesas Technology Corp 7721 Datasheet HTML 541Page - Renesas Technology Corp 7721 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 577 page
background image
APPENDIX
7721 Group User’s Manual
17–75
Appendix 9. 7721 Group Q & A
DRAM, WIT instruction
A
(2) Method using timer A or timer B
Return from the wait mode by a timer A ( or timer B) interrupt every definite time. Control
____
____
ports P104, P105 by software and perform the CAS-before-RAS-refresh.
Example 2: A case in 512 refresh cycles, every 64 ms, f(XIN) = 25 MHz, timer A0 used
•DRAM refresh is performed 512 times by timer A0 interrupts. This interrupt
occurs every 64 ms. (See flow chart .)
(2/2)
N
Y
N
Y
Flow chart 
Main routine
← “1”
Bits 4, 5 of port P10 direction
register (address 1816)
← “1”
Bits 4, 5 of port P10 register
(address 1616)
DRAM validity bit
(bit 7 at address 6416)
← “0”
Timer A0 mode
register (address 5616)
← “110000002”
Timer A0 register
(addresses 4716, 4616)
← 3124
Timer A0 interrupt
control register (address 7516)
← “XXXX00012”
Timer A0 count start
bit (bit 0 at address 4016)
← “1”
Interrupt enable flag I
← “0”
WIT instruction
Wait mode completed ?
Wait mode
Timer A0
interrupt routine
← “0”
Bit 4 of port P10 register
(address 1616)
← “0”
Bit 5 of port P10 register
(address 1616)
← “1”
Bit 4 of port P10 register
(address 1616)
← “1”
Bit 5 of port P10 register
(address 1616)
512 times ?
RTI
Return to main routine
Port P105 (RAS):
“H” level output
Port P104 (CAS):
“H” level output
Port P105 (RAS):
“L” level output
Port P104 (CAS):
“L” level output
Ports P104, P105:
“H” level output
DRAMC stopped
f512 counted
Timer value set:
One cycle = 64 ms
Interrupt priority level set:
Level 1 or more (Interrupt
enabled)
Timer A0 count started
Interrupt enabled
Note: By using 1 bit of RAM, judge
whether this interrupt is for return
from the wait mode or for refresh.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com