| Electronic Components Datasheet Search |
|
7721 Datasheet(PDF) 123 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7721 Datasheet(HTML) 123 Page - Renesas Technology Corp |
|
123 / 577 page ![]() TIMER A 7721 Group User’s Manual 8–4 8.2 Block description 8.2.1 Counter and reload register (timer Ai register) Each of timer Ai counter and reload register consists of 16 bits. Countdown in the counter is performed each time the count source is input. In the event counter mode, it can also function as an up-counter. The reload register is used to store the initial value of the counter. When a counter underflow or overflow occurs, the reload register’s contents are reloaded into the counter. A value is set to the counter and reload register by writing the value to the timer Ai register. Table 8.2.1 lists the memory assignment of the timer Ai register. The value written into the timer Ai register while counting is not in progress is set to the counter and reload register. The value written into the timer Ai register while counting is in progress is set only to the reload register. In this case, the reload register’s updated contents are transferred to the counter at the next reload time. The value obtained when reading out the timer Ai register varies according to the operating mode. Table 8.2.2 lists reading from and writing to the timer Ai register. Table 8.2.2 Reading from and writing to timer Ai register Write <While counting> Written only to reload register. <While not counting> Written to both of the counter and reload register. Operating mode Timer mode Event counter mode One-shot pulse mode Pulse width modulation (PWM) mode Note: At reset, the contents of the timer Ai register are undefined. Notes 1: Also refer to “[Precautions for timer mode]” and “[Precautions for event counter mode].” 2: When reading from and writing to the timer Ai register, perform it in a unit of 16 bits. Read Counter value is read out. (Note 1) Undefined value is read out. Table 8.2.1 Memory assignment of timer Ai register Timer Ai register High-order byte Low-order byte Timer A0 register Address 4716 Address 4616 Timer A1 register Address 4916 Address 4816 Timer A2 register Address 4B16 Address 4A16 Timer A3 register Address 4D16 Address 4C16 Timer A4 register Address 4F16 Address 4E16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |