Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 175Page - Renesas Technology Corp 7721 Datasheet HTML 176Page - Renesas Technology Corp 7721 Datasheet HTML 177Page - Renesas Technology Corp 7721 Datasheet HTML 178Page - Renesas Technology Corp 7721 Datasheet HTML 179Page - Renesas Technology Corp 7721 Datasheet HTML 180Page - Renesas Technology Corp 7721 Datasheet HTML 181Page - Renesas Technology Corp 7721 Datasheet HTML 182Page - Renesas Technology Corp 7721 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 577 page
background image
7721 Group User’s Manual
TIMER B
9–12
9.3 Timer mode
9.3.3 Operation in timer mode
Œ When the count start bit is set to “1,” the counter starts counting of the count source.
 When a counter underflow occurs, the reload register’s contents are reloaded, and counting continues.
Ž The timer Bi interrupt request bit is set to “1” at the underflow in . The interrupt request bit remains
set to “1” until the interrupt request is accepted or the interrupt request bit is cleared to “0” by software.
Figure 9.3.3 shows an example of operation in the timer mode.
Stops counting.
Restarts counting.
FFFF16
n
000016
Time
Count start bit
Timer Bi interrupt
request bit
n = Reload register’s contents
Cleared to “0” when interrupt request is
accepted or cleared by software.
Set to “1” by software.
Starts counting.
Set to “1” by software.
1 / fi ! (n+1)
fi = frequency of count source
(f2, f16, f64, f512)
Cleared to “0” by software.
Fig. 9.3.3 Example of operation in timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com