Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 180Page - Renesas Technology Corp 7721 Datasheet HTML 181Page - Renesas Technology Corp 7721 Datasheet HTML 182Page - Renesas Technology Corp 7721 Datasheet HTML 183Page - Renesas Technology Corp 7721 Datasheet HTML 184Page - Renesas Technology Corp 7721 Datasheet HTML 185Page - Renesas Technology Corp 7721 Datasheet HTML 186Page - Renesas Technology Corp 7721 Datasheet HTML 187Page - Renesas Technology Corp 7721 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 577 page
background image
TIMER B
7721 Group User’s Manual
9–17
9.4 Event counter mode
9.4.2 Operation in event counter mode
Œ When the count start bit is set to “1,” the counter starts counting of the count source’s valid edges.
 When a counter underflow occurs, the reload register’s contents are reloaded, and counting continues.
Ž The timer Bj interrupt request bit is set to “1” at the underflow in .
The interrupt request bit remains set to “1” until the interrupt request is accepted or the interrupt request
bit is cleared to “0” by software.
Figure 9.4.3 shows an example of operation in the event counter mode.
Stops counting.
Restarts counting .
FFFF16
n
000016
Time
Count start bit
Timer Bj interrupt
request bit
n = Reload register’s contents
Cleared to “0” when interrupt request is accepted or cleared by software.
Set to “1” by software.
Starts counting.
Cleared to “0” by
software.
Set to “1” by software.
Fig. 9.4.3 Example of operation in event counter mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com