Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 31Page - Renesas Technology Corp 7906 Datasheet HTML 32Page - Renesas Technology Corp 7906 Datasheet HTML 33Page - Renesas Technology Corp 7906 Datasheet HTML 34Page - Renesas Technology Corp 7906 Datasheet HTML 35Page - Renesas Technology Corp 7906 Datasheet HTML 36Page - Renesas Technology Corp 7906 Datasheet HTML 37Page - Renesas Technology Corp 7906 Datasheet HTML 38Page - Renesas Technology Corp 7906 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 531 page
background image
7906 Group User’s Manual Rev.2.0
2-14
CENTRAL PROCESSING UNIT (CPU)
2.3 Access space
The access space of the M37906 is assigned to a 16-Mbyte space from addresses 016 to FFFFFF16. (See
Figure 2.3.1.) Note that only the internal memory can be accessed because the M37906 operates only in
the single-chip mode.
The memory and I/O devices are assigned in the same access space. Accordingly, it is possible to perform
transfer and arithmetic operations using the same instructions, without discrimination of the memory from
I/O devices.
Fig. 2.3.1 M37906’s access space
: Nothing is assigned.
016
SFR area
Internal RAM area
(Note 1)
Bank 016
Internal ROM area
(Note 2)
FF16
SFR : Special Function Register
Notes 1: When the internal RAM area is followed by an unused area, do not assign a program to
the last 8 bytes of the internal RAM area.
2: Do not assign a program to the last 8 bytes of the internal ROM area.
3: The memory assignment of the internal area varies according to the product type.
Refer to section “Appendix 11. Memory assignment of 7906 Group,” or the latest datasheets, catalogs.
4: Refer to section “19.1.1 Memory assignment,” about the flash memory version.
: Memory assignment of internal area
2.3 Access space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com