Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 36Page - Renesas Technology Corp 7906 Datasheet HTML 37Page - Renesas Technology Corp 7906 Datasheet HTML 38Page - Renesas Technology Corp 7906 Datasheet HTML 39Page - Renesas Technology Corp 7906 Datasheet HTML 40Page - Renesas Technology Corp 7906 Datasheet HTML 41Page - Renesas Technology Corp 7906 Datasheet HTML 42Page - Renesas Technology Corp 7906 Datasheet HTML 43Page - Renesas Technology Corp 7906 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 531 page
background image
7906 Group User’s Manual Rev.2.0
2-19
CENTRAL PROCESSING UNIT (CPU)
2.5 Processor modes
2.5 Processor modes
The M37906 operates only in the single-chip mode. Figure 2.5.1 shows the memory assignment of the
M37906.
Unused area
Internal
ROM area
(Note 2)
Unused area
016
FF16
SFR area
Single-chip mode
Internal
RAM area
(Note 1)
Notes 1: When the internal RAM area is followed by an unused area, do not assign a program to
the last 8 bytes of the internal RAM area.
2: Do not assign a program to the last 8 bytes of the internal ROM area.
3: The memory assignment of the internal area varies according to the product type.
Refer to section “Appendix 11. Memory assignment of 7906 Group,” or the latest datasheets, catalogs.
Fig. 2.5.1 Memory assignment of M37906
2.5.1 Single-chip mode
In this mode, ports P1, P2, P5 to P7 serve as programmable I/O ports. (When an internal peripheral device
is used, the corresponding port pin serves as the device’s I/O pin).
In this mode, only the internal area (SFR, internal RAM, and internal ROM) can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com