Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 51Page - Renesas Technology Corp 7906 Datasheet HTML 52Page - Renesas Technology Corp 7906 Datasheet HTML 53Page - Renesas Technology Corp 7906 Datasheet HTML 54Page - Renesas Technology Corp 7906 Datasheet HTML 55Page - Renesas Technology Corp 7906 Datasheet HTML 56Page - Renesas Technology Corp 7906 Datasheet HTML 57Page - Renesas Technology Corp 7906 Datasheet HTML 58Page - Renesas Technology Corp 7906 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 531 page
background image
RESET
7906 Group User’s Manual Rev.2.0
3-12
Fig. 3.3.7 State of SFR and internal RAM areas immediately after reset (6)
?
?
00
00
0
0
00
0
0
?
A016
A116
A216
A316
A416
A516
A616
A716
A816
A916
B016
B116
B216
B316
B416
B516
B616
B716
B816
B916
BA16
BB16
BC16
BD16
BE16
BF16
AB16
AC16
AD16
AE16
AF16
AA16
b7
b0
b7
b0
Wave output mode register
Dead-time timer
Three-phase output data register 0
Three-phase output data register 1
Position-data-retain function control register
Serial I/O pin control register
Port P2 pin function control register
Clock control register 0
RW
RW
RW
RW
0016
0016
0016
0
00
00
00
00
?
?
?
?
?
?
?
RW
RW
RW
RW
RW
RO
RO
RO
RW
RW
WO
RW
RW
?
?
?
?
?
10
01
1
1
?
?
?
?
?
?
?
?
?
?
?
?
?
?
Notes 17 : Do not write to this register.
18 : After reset, these bits are allowed to be changed only once.
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
(Note 17)
Register name
Address
Access characteristics
State immediately after reset
RW RW
RW
RW
(Note 18)
RW RW
3.3 State of internal area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com