Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 22Page - Renesas Technology Corp 7906 Datasheet HTML 23Page - Renesas Technology Corp 7906 Datasheet HTML 24Page - Renesas Technology Corp 7906 Datasheet HTML 25Page - Renesas Technology Corp 7906 Datasheet HTML 26Page - Renesas Technology Corp 7906 Datasheet HTML 27Page - Renesas Technology Corp 7906 Datasheet HTML 28Page - Renesas Technology Corp 7906 Datasheet HTML 29Page - Renesas Technology Corp 7906 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 531 page
background image
7906 Group User’s Manual Rev.2.0
2.1 Central processing unit (CPU)
CENTRAL PROCESSING UNIT (CPU)
2-5
2.1.5 Program counter (PC)
The program counter is a 16-bit counter that indicates the low-order 16 bits of the address (24 bits) at
which an instruction to be executed next (in other words, an instruction to be read out from an instruction
queue buffer next) is stored. The contents of the high-order program counter (PCH) become “FF16,” and the
low-order program counter (PCL) becomes “FE16” at reset. The contents of the program counter becomes
the contents of the reset’s vector address (addresses FFFE16, FFFF16) just after reset.
Figure 2.1.3 shows the program counter and the program bank register.
Fig. 2.1.3 Program counter and Program bank register
2.1.6 Program bank register (PG)
The memory space is divided into units of 64 Kbytes. This unit is called “bank.” (Refer to section “2.3
Access space.”)
The program bank register is an 8-bit register that indicates the high-order 8 bits of the address (24 bits)
at which an instruction to be executed next (in other words, an instruction to be read out from an instruction
queue buffer next) is stored. These 8 bits indicate a bank.
When a carry occurs after adding the contents of the program counter or adding the offset value to the
contents of the program counter in the branch instruction and others, the contents of the program bank
register is automatically incremented by 1. When a borrow occurs after subtracting the contents of the
program counter, the contents of the program bank register is automatically decremented by 1. Therefore,
there is no need to consider bank boundaries during programming, usually.
This register is cleared to “0016” at reset.
PCH
PCL
b7b0 b15
b8b7b0
(b16)
PG
(b23)
2.1.7 Data bank register (DT)
The data bank register is an 8-bit register. In the following addressing modes using the data bank register,
the contents of this register is used as the high-order 8 bits (bank) of a 24-bit address to be accessed.
Use the LDT instruction when setting a value to this register.
This register is cleared to “0016” at reset.
q Addressing modes using data bank register
•Direct indirect
•Direct indexed X indirect
•Direct indirect indexed Y
•Absolute
•Absolute indexed X
•Absolute indexed Y
•Absolute bit relative
•Stack pointer relative indirect indexed Y
•Multiplied accumulation
❈ Refer to “7900 Series Software Manual” for addressing modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com