Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 96Page - Renesas Technology Corp 7906 Datasheet HTML 97Page - Renesas Technology Corp 7906 Datasheet HTML 98Page - Renesas Technology Corp 7906 Datasheet HTML 99Page - Renesas Technology Corp 7906 Datasheet HTML 100Page - Renesas Technology Corp 7906 Datasheet HTML 101Page - Renesas Technology Corp 7906 Datasheet HTML 102Page - Renesas Technology Corp 7906 Datasheet HTML 103Page - Renesas Technology Corp 7906 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 531 page
background image
7906 Group User’s Manual Rev.2.0
INTERRUPTS
6-21
6.10 External interrupts
6.10.2 Functions of INTi interrupt request bit
Figure 6.10.4 shows an INTi interrupt request.
(1)
Functions when edge sense is selected
In this case, the interrupt request bit has the same function as that of an internal interrupt. That is,
when an interrupt request occurs, the interrupt request bit is set to “1” and retains this state until the
interrupt request is accepted. When this bit is cleared to “0” by software, the interrupt request is
cancelled; when this bit is set to “1” by software, the interrupt request can occur.
(2)
Functions when level sense is selected
In this case, the interrupt request bit is ignored.
INTi interrupt requests continuously occur while the level at pin INTi is the valid level✽1; when the level
at pin INTi changes from the valid level to the invalid level✽2 before the corresponding INTi interrupt
request is accepted, this interrupt request is not retained. (See Figure 6.10.5.)
Valid level✽1: This means the level selected by the polarity select bit (bit 4 at addresses 6E16, 6F16,
FD16 to FF16)
Invalid level✽2: This means the reversed level of “valid level”
Data bus
Edge detection
circuit
Interrupt request
0
1
Interrupt request bit
Pin INTi
Level sense/Edge sense
select bit
Fig. 6.10.4 INTi Interrupt request
Fig. 6.10.5 Occurrence of INTi interrupt request when level sense is selected
When the level at pin INTi changes
to the invalid level before the INTi
interrupt request is accepted, this
interrupt request is not retained.
First interrupt routine
Level at pin INTi
Valid
Invalid
Main routine
Interrupt request is accepted.
Return to main routine.
Second interrupt
routine
Third interrupt
routine
Main routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com