Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 37Page - Renesas Technology Corp 7906 Datasheet HTML 38Page - Renesas Technology Corp 7906 Datasheet HTML 39Page - Renesas Technology Corp 7906 Datasheet HTML 40Page - Renesas Technology Corp 7906 Datasheet HTML 41Page - Renesas Technology Corp 7906 Datasheet HTML 42Page - Renesas Technology Corp 7906 Datasheet HTML 43Page - Renesas Technology Corp 7906 Datasheet HTML 44Page - Renesas Technology Corp 7906 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 531 page
background image
7906 Group User’s Manual Rev.2.0
2-20
CENTRAL PROCESSING UNIT (CPU)
2.5 Processor modes
Fig. 2.5.3 Structure of processor mode register 0
2.5.2 Setting of processor mode
The processor mode is set by the following:
• Voltage level applied to the MD0 and MD1 pins
• Processor mode bits (bits 1 and 0 at address 5E16)
The VSS–level voltage must be applied to the MD0 and MD1 pins, because the M37906 operates only in
the single-chip mode. Also, the processor mode bit must be “00.”
Figure 2.5.2 shows the structure of the processor mode register 0 (address 5E16).
0
1
2
3
4
5
6
7
Bit name
Bit
Processor mode register 0 (Address 5E16)
Function
At reset
R/W
Processor mode bits
Interrupt priority detection time
select bits
Software reset bit
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 0 : Single-chip mode
0 1 : Do not select.
1 0 : Do not select.
1 1 : Do not select.
b1 b0
0 0 : 7 cycles of fsys
0 1 : 4 cycles of fsys
1 0 : 2 cycles of fsys
1 1 : Do not select.
b5 b4
The microcomputer is reset by writing “1” to this
bit. The value is “0” at reading.
0
0
0
1
0
0
0
0
RW
RW
RW
RW
RW
RW
WO
RW
0X X 0 0
Any of these bits may be either “0” or “1.”
X : It may be either “0” or “1.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com