Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 46Page - Renesas Technology Corp 7906 Datasheet HTML 47Page - Renesas Technology Corp 7906 Datasheet HTML 48Page - Renesas Technology Corp 7906 Datasheet HTML 49Page - Renesas Technology Corp 7906 Datasheet HTML 50Page - Renesas Technology Corp 7906 Datasheet HTML 51Page - Renesas Technology Corp 7906 Datasheet HTML 52Page - Renesas Technology Corp 7906 Datasheet HTML 53Page - Renesas Technology Corp 7906 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 531 page
background image
RESET
7906 Group User’s Manual Rev.2.0
3-7
3.3 State of internal area
Fig. 3.3.2 State of SFR and internal RAM areas immediately after reset (1)
0
?
?
00
0
0
00
0
0
0
00
0
00
0
0
0
?0
??
: It is possible to read the bit state at reading. The written value becomes valid.
: It is possible to read the bit state at reading. The written value becomes invalid.
: The written value becomes valid. It is impossible to read the bit state.
: Nothing is assigned. It is impossible to read the bit state. The written value becomes invalid.
qSFR area (Addresses 016 to FF16)
RW
RO
WO
Access characteristics
0
1
?
: “0” immediately after reset.
: “1” immediately after reset.
: Undefined immediately after
reset.
: Always “0” at reading.
: Always “1” at reading.
: Always undefined at reading.
: “0” immediately after reset. Fix this bit to “0.”
0
?
1
State immediately after reset
10 16
11 16
12 16
13 16
14 16
15 16
16 16
17 16
18 16
19 16
1A16
1C16
1B16
1D16
1E16
1F16
0 16
1 16
2 16
3 16
4 16
5 16
6 16
7 16
8 16
9 16
B16
C16
D16
E16
F16
A16
Address
Port P5 register
Port P5 direction register
Port P6 register
Port P7 register
Port P6 direction register
Port P7 direction register
A-D control register 0
A-D control register 1
Register name
Port P1 register
Port P1 direction register
Port P2 direction register
Port P2 register
?
?
Access characteristics
State immediately after reset
RW
(Note 2)
RW
RW
RW
(Note 2)
RW
RW
(Note 2)
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
?
b7
b0
b7
b0
?
RW
RW
(Note 2)
(Note 2)
0016
?
?
0016
?
(Note 2)
RW
(Note 2)
RW
RW
(Note 2)
RW
(Note 2)
(Note 2)
(Note 2)
(Note 2)
??
00
?
0
0
0
(Note 1)
(Note 1)
Notes 1: Do not read and write.
2: Do not write.
0
0
?
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com