Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 74Page - Renesas Technology Corp 7906 Datasheet HTML 75Page - Renesas Technology Corp 7906 Datasheet HTML 76Page - Renesas Technology Corp 7906 Datasheet HTML 77Page - Renesas Technology Corp 7906 Datasheet HTML 78Page - Renesas Technology Corp 7906 Datasheet HTML 79Page - Renesas Technology Corp 7906 Datasheet HTML 80Page - Renesas Technology Corp 7906 Datasheet HTML 81Page - Renesas Technology Corp 7906 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 531 page
background image
INPUT/OUTPUT PINS
7906 Group User’s Manual Rev.2.0
5-7
5.3 Examples of handling unused pins
5.3 Examples of handling unused pins
When unusing an I/O pin, some handling is necessary for this pin. Examples of handling unused pins are
described below.
The following are just examples. In actual use, the user shall modify them according to the user’s application
and properly evaluate their performance.
Table 5.3.1 Example of handling unused pins
Notes 1: When leaving these pins open after they have been set to the output mode, note the following:
these port pins are placed in the input mode from reset until they are switched to the output mode
by software. Therefore, voltage levels of these pins are undefined and the power source current
may increase while these port pins are placed in the input mode.
Software reliability can be enhanced by setting the contents of the above ports’ direction registers
periodically. This is because these contents may be changed by noise, a program runaway which
occurs owing to noise, etc.
For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
2: This applies when a clock externally generated is input to pin XIN.
3: Be sure that the PLL circuit operation enable bit (bit 1 at address BC16) = “0.”
Fig. 5.3.1 Example of handling unused pins
P1, P2, P5 to P7
Left open
Left open
Left open
VCC
VCC
VSS
P1, P2, P5 to P7
AVCC
AVSS
VREF
XOUT
VCONT
AVCC
AVSS
VREF
XOUT
VCONT
VSS
VCC
VCC
P6OUTCUT/INT4
P6OUTCUT/INT4
When setting port pins to input mode
When setting port pins to output mode
Handling example
Set these pins to the input mode and connect each
pin to Vcc or Vss via a resistor; or set these pins to
the output mode and leave them open (Note 1).
Connect this pin to Vcc via a resistor.
Select a falling edge for pin INT4.
Leave these pins open.
Connect this pin to Vcc.
Connect these pins to Vss.
Pin name
P1, P2, P5 to P7
P6OUTCUT/INT4
XOUT (Note 2), VCONT (Note 3)
AVCC
AVSS, VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com