Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 98Page - Renesas Technology Corp 7906 Datasheet HTML 99Page - Renesas Technology Corp 7906 Datasheet HTML 100Page - Renesas Technology Corp 7906 Datasheet HTML 101Page - Renesas Technology Corp 7906 Datasheet HTML 102Page - Renesas Technology Corp 7906 Datasheet HTML 103Page - Renesas Technology Corp 7906 Datasheet HTML 104Page - Renesas Technology Corp 7906 Datasheet HTML 105Page - Renesas Technology Corp 7906 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 531 page
background image
7906 Group User’s Manual Rev.2.0
INTERRUPTS
6-23
b4
0
1
0
1
Fig. 6.10.7 Program example to reserve time required for change of interrupt priority level
Table 6.10.2 Correspondence between number of instructions to be inserted in Figure 6.10.7 and
interrupt priority detection time select bits
[Precautions for interrupts]
[Precautions for interrupts]
1. In order to change the interrupt priority level select bits (bits 0 to 2 at addresses 6E16 to 7C16, F516 to F916,
FD16 to FF16), 2 to 7 cycles of fsys are required after execution of a write instruction until change of the
interrupt priority level. Therefore, when the interrupt priority level of a certain interrupt source is repeatedly
changed in a very short time, which consists of a few instructions, it is necessary to reserve the time
required for the change by software. Figure 6.10.7 shows a program example to reserve the time required
for the change. Note that the time required for the change depends on the contents of the interrupt priority
detection time select bits (bits 4 and 5 at address 5E16). Table 6.10.2 lists the correspondence between
the number of instructions inserted in Figure 6.10.7 and the interrupt priority detection time select bits.
Interrupt priority detection time select bits (Note)
Interrupt priority level
detection time
7 cycles of fsys
4 cycles of fsys
2 cycles of fsys
Do not select.
b5
0
0
1
1
Number of inserted
NOP instructions
7 or more
4 or more
2 or more
Note: We recommend [b5 = “1”, b4 = “0”].
2. When allocating pin INT3 to pin P74, be sure that the D-A1 output enable bit (bit 2 at address 9616) =
0 (output disabled).
3. When using pin P6OUTCUT/INT4 as an input pin of an external interrupt (pin INT4), be sure to use port pins
P60 to P65 in the input mode. (Refer to section “5.2.3 Pin P6OUTCUT/INT4.”)
; Write instruction for the interrupt priority level select bits
; Inserted NOP instruction (Note)
;
;
; Write instruction for the interrupt priority level select bits
Note: Except a write instruction for address XX16, any instruction which has the same
cycles as the NOP instruction can also be inserted, instead of the NOP instruction.
For the number of inserted NOP instructions, see Table 6.10.2.
XX: any of 6E to 7F, F1, F2, F5 to F9, and FD to FF
:
MOVMB 00XXH, #0XH
NOP
NOP
NOP
MOVMB 00XXH, #0XH
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com