Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 101Page - Renesas Technology Corp 7906 Datasheet HTML 102Page - Renesas Technology Corp 7906 Datasheet HTML 103Page - Renesas Technology Corp 7906 Datasheet HTML 104Page - Renesas Technology Corp 7906 Datasheet HTML 105Page - Renesas Technology Corp 7906 Datasheet HTML 106Page - Renesas Technology Corp 7906 Datasheet HTML 107Page - Renesas Technology Corp 7906 Datasheet HTML 108Page - Renesas Technology Corp 7906 Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-2
7.1 Overview
Timer A consists of ten counters, Timers A0 to A9, each equipped with a 16-bit reload function. Timers A0
to A9 operate independently of one other.
Each timer is equipped with the different operating mode; therefore, in this chapter, timers are referred to
as follows:
• Timers A0 to A9; timer Ai ( i = 0 to 9)
• Timer A, equipped with the I/O function; timer Aj (j = 0 to 2, 4, 9)
• Timer A, not equipped with the I/O function; timer Ak (k = 3, 5 to 8)
Timer Aj (j = 0 to 2, 4, 9) has four operating modes listed below. Except for the event counter mode, timer
Aj has the same functions.
Timer Ak (k = 3, 5 to 8) is equipped with the timer mode only.
Table 7.1.1 lists the functions of timer Ai (i = 0 to 9).
(1)
Timer mode : timer Ai (i = 0 to 9)
In this mode, the timer counts an internally generated count source. For timer Aj (j = 0 to 2, 4, 9),
following functions can be used in this mode:
• Gate function
• Pulse output function
(2)
Event counter mode : timer Aj (j = 0 to 2, 4, 9)
In this mode, the timer counts an external signal. Following functions can be used in this mode:
• Pulse output function
• Two-phase pulse signal processing function (Timers A2, A4, and A9)
(3)
One-shot pulse mode : timer Aj (j = 0 to 2, 4, 9)
In this mode, the timer outputs a pulse which has an arbitrary width once.
(4)
Pulse width modulation (PWM) mode : timer Aj (j = 0 to 2, 4, 9)
In this mode, the timer outputs pulses which have an arbitrary width in succession. In this mode, the
timer serves as one of the following pulse width modulators:
• 16-bit pulse width modulator
• 8-bit pulse width modulator
7.1 Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com