Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 105Page - Renesas Technology Corp 7906 Datasheet HTML 106Page - Renesas Technology Corp 7906 Datasheet HTML 107Page - Renesas Technology Corp 7906 Datasheet HTML 108Page - Renesas Technology Corp 7906 Datasheet HTML 109Page - Renesas Technology Corp 7906 Datasheet HTML 110Page - Renesas Technology Corp 7906 Datasheet HTML 111Page - Renesas Technology Corp 7906 Datasheet HTML 112Page - Renesas Technology Corp 7906 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-6
7.2.2 Timer A clock division select register
In the timer mode, one-shot pulse mode, and pulse width modulation (PWM) mode, the count source select
bits (bits 6 and 7 at addresses 5616 to 5A16, D616 to DA16), and timer A clock division select bits (bits 0 and
1 at address 4516) select the count source. Figure 7.2.3 shows the structure of the timer A clock division
select register. Table 7.2.3 lists the count source (in the timer mode, one-shot pulse mode, and pulse width
modulation (PWM) mode).
Each of timers A3 and A5 to A8 is equipped with the timer mode only.
7.2 Block description
Fig. 7.2.3 Structure of timer A clock division select register
Table 7.2.3 Count source (in timer mode, one-shot
pulse mode, and pulse width modulation
(PWM) mode)
Count source select bits
(bits 6 and 7 at addresses
5616 to 5A16, D616 to DA16)
00
01
10
11
00
f2
f16
f64
f512
01
f1
f16
f64
f4096
10
f1
f64
f512
f4096
11
Do not
select.
Timer A clock division select bits
(bits 0 and 1 at address 4516)
0
1
7 to 2
Timer A clock division select register (Address 4516)
Timer A clock division select bits
The value is “0” at reading.
0
0
0
RW
RW
–
b7 b6 b5 b4 b3 b2 b1 b0
See Table 7.2.3.
Bit name
Bit
Function
At reset
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com