Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 109Page - Renesas Technology Corp 7906 Datasheet HTML 110Page - Renesas Technology Corp 7906 Datasheet HTML 111Page - Renesas Technology Corp 7906 Datasheet HTML 112Page - Renesas Technology Corp 7906 Datasheet HTML 113Page - Renesas Technology Corp 7906 Datasheet HTML 114Page - Renesas Technology Corp 7906 Datasheet HTML 115Page - Renesas Technology Corp 7906 Datasheet HTML 116Page - Renesas Technology Corp 7906 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-10
RW
RW
RW
RW
RW
RW
—
0
1
2
3
4
5
7, 6
0
0
0
0
0
0
0
0
Pin TA4OUT
Pin TA4IN
Pin TA9OUT
Pin TA9IN
Pin TB0IN
(Note 1)
Pin TB1IN
(Note 2)
Pin TB2IN
(Note 3)
Pin INT3/RTPTRG0
(Note 4)
7.2 Block description
7.2.6 Port P2 and port P6 direction registers
The I/O pins of timers A0 to A2 are multiplexed with port P6 pins, and the I/O pins of timers A4 and A9
are multiplexed with port P2 pins. When using these pins as timer Aj (j = 0 to 2, 4, 9)’s input pins, clear
the corresponding bits of the port P6 and port P2 direction registers to “0” in order to set these port pins
for the input mode. When used as timer Aj’s output pins, these pins are forcibly set to the output pins of
timer Aj regardless of the direction registers’ contents. Figure 7.2.7 shows the relationship between the port
P6 and port P2 direction registers and the timer Aj’s I/O pins.
Note that each bit of the port P6 direction register becomes “0” by an input of a falling edge to pin
P6OUTCUT. (Refer to section “5.2.3 Pin P6OUTCUT/INT4.”) When switching the output pins of timers A0 to
A2 to the port output pins, the following procedure is required.
➀ Return the input level at pin P6OUTCUT to “H.”
y Write data to the port P6 register’s bit corresponding to the port P6 pin, where data is to be output.
➂ Set “1” to the port P6 direction register’s bit corresponding to the above P6 register’s bit; therefore, this
bit enters the output mode.
When the input level at pin P6OUTCUT = “L,” no bit of the port P6 direction register can be set to “1.”
Fig. 7.2.7 Relationship between port P6 and port P2 direction registers and timer Aj’s I/O pins
0
1
2
3
4
5
6
7
Port P2 direction register (Address 816)
b7 b6 b5 b4 b3 b2 b1 b0
0 : Input mode
1 : Output mode
When using this pin as timer Aj’s input pin, be sure
to clear the corresponding bit to “0.”
RW
RW
RW
RW
RW
RW
RW
RW
Corresponding pin
Bit
Functions
At reset
R/W
Notes 1: This applies when the TB0IN pin select bit (bit 0 at address AE16) = 1.
2: This applies when the TB1IN pin select bit (bit 1 at address AE16) = 1.
3: This applies when the TB2IN pin select bit (bit 2 at address AE16) = 1.
4: This applies when the INT3/RTPTRG0 pin select bit (bit 3 at address AE16) = 1.
5: The pins in ( ) are I/O pins of other internal peripheral devices, which are multiplexed.
Port P6 direction register (Address 1016)
Pin TA0OUT (Pin W/RTP00)
Pin TA0IN (Pin V/RTP01)
Pin TA1OUT (Pin U/RTP02)
Pin TA1IN (Pin W/RTP03)
Pin TA2OUT (Pin V/RTP10)
Pin TA2IN (Pin U/RTP11)
Nothing is assigned.
b7 b6 b5 b4 b3 b2 b1 b0
0 : Input mode
1 : Output mode
When using this pin as timer Aj’s input pin, be sure
to clear the corresponding bit to “0.”
0
0
0
0
0
0
Undefined
Corresponding pin
Bit
Functions
At reset
R/W
Notes 1: Each of bits 0 to 5 becomes “0” by an input of the falling edge to pin P6OUTCUT/INT4. (Refer to section “5.2.3 Pin P6OUTCUT/
INT4.”)
2: The pins in ( ) are I/O pins of other internal peripheral devices, which are multiplexed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com