Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 113Page - Renesas Technology Corp 7906 Datasheet HTML 114Page - Renesas Technology Corp 7906 Datasheet HTML 115Page - Renesas Technology Corp 7906 Datasheet HTML 116Page - Renesas Technology Corp 7906 Datasheet HTML 117Page - Renesas Technology Corp 7906 Datasheet HTML 118Page - Renesas Technology Corp 7906 Datasheet HTML 119Page - Renesas Technology Corp 7906 Datasheet HTML 120Page - Renesas Technology Corp 7906 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-14
7.3 Timer mode
Fig. 7.3.3 Example of operation in timer mode (without pulse output and gate functions)
7.3.2 Operation in timer mode
➀ When the count start bit is set to “1,” the counter starts counting of the count source.
➁ When a counter underflow occurs, the reload register’s contents are reloaded, and counting continues.
➂ The timer Ai interrupt request bit is set to “1” at the underflow in ➁. The interrupt request bit remains
set to “1” until the interrupt request is accepted or until the interrupt request bit is cleared to “0” by
software.
Figure 7.3.3 shows an example of operation in the timer mode.
Stops counting.
Restarts counting.
FFFF16
n
000016
Time
Count start bit
Timer Ai interrupt
request bit
Cleared to “0” when interrupt request is
accepted or cleared by software.
Set to “1” by software.
Starts counting.
(1 / fi) ✕ (n+1)
Cleared to “0” by software.
Set to “1” by software.
fi : Frequency of count source
n : Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com