| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 121 Page - Renesas Technology Corp |
|
121 / 531 page ![]() TIMER A 7906 Group User’s Manual Rev.2.0 7-18 Item Count source Count operation Division ratio Count start condition Count stop condition Interrupt request occurrence timing TAjIN pin’s function TAjOUT pin’s function Read from timer Aj register Write to timer Aj register Specifications q External signal input to the TAjIN pin q The count source’s valid edge can be selected from the falling edge and the rising edge by software. q Countup or countdown can be switched by external signal or software. q When a counter overflow or underflow occurs, reload register’s con- tents are reloaded, and counting continues. q For countdown q For countup When the count start bit is set to “1.” When the count start bit is cleared to “0.” When a counter overflow or underflow occurs. Count source input Programmable I/O port pin, pulse output pin, or countup/countdown switch signal input pin Counter value can be read out. q While counting is stopped When a value is written to timer Aj register, it is written to both of the reload register and counter. q While counting is in progress When a value is written to timer Aj register, it is written only to the reload register. (Transferred to the counter at the next reload timing.) 7.4 Event counter mode Timer Aj (j = 0 to 2, 4, 9) is equipped with the event counter mode. In this mode, the timer counts an external signal. Tables 7.4.1 and 7.4.2 list the specifications of the event counter mode. Figure 7.4.1 shows the structures of the timer Aj register and timer Aj mode register in the event counter mode. Each of timers A3, A5 to A8 is not equipped with this mode. Table 7.4.1 Specifications of event counter mode (when not using two-phase pulse signal processing function) (n + 1) 1 (FFFF16 – n + 1) 1 n: Timer Aj register’s set value 7.4 Event counter mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |