| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 122 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 122 Page - Renesas Technology Corp |
|
122 / 531 page ![]() TIMER A 7906 Group User’s Manual Rev.2.0 7-19 Item Count source Count operation Division ratio Count start condition Count stop condition Interrupt request occurrence timing Function of the following pins: • TA2IN, TA2OUT • TA4IN, TA4OUT • TA9IN, TA9OUT Read from timer A2/A4/A9 register Write to timer A2/A4/A9 register Specifications External signal (two-phase pulse) input to the following pins: • TA2IN, TA2OUT • TA4IN, TA4OUT • TA9IN, TA9OUT q Countup or countdown can be switched by external signal (two- phase pulse). q When a counter overflow or underflow occurs, reload register’s con- tents are reloaded, and counting continues. q For countdown q For countup When the count start bit is set to “1.” When the count start bit is cleared to “0.” When a counter overflow or underflow occurs. Two-phase pulse input Counter value can be read out by reading timer A2/A4/A9 register. q While counting is stopped When a value is written to timer A2/A4/A9 register, it is written to both of the reload register and counter. q While counting is in progress When a value is written to timer A2/A4/A9 register, it is written only to the reload register. (Transferred to the counter at the next reload timing.) Table 7.4.2 Specifications of event counter mode (when using two-phase pulse signal processing function in timers A2, A4, and A9) 7.4 Event counter mode (n + 1) 1 1 n: Timer A2/A4/A9 register’s set value (FFFF16 – n + 1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |