Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 121Page - Renesas Technology Corp 7906 Datasheet HTML 122Page - Renesas Technology Corp 7906 Datasheet HTML 123Page - Renesas Technology Corp 7906 Datasheet HTML 124Page - Renesas Technology Corp 7906 Datasheet HTML 125Page - Renesas Technology Corp 7906 Datasheet HTML 126Page - Renesas Technology Corp 7906 Datasheet HTML 127Page - Renesas Technology Corp 7906 Datasheet HTML 128Page - Renesas Technology Corp 7906 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-22
7.4 Event counter mode
Fig. 7.4.3 Initial setting example for registers relevant to event counter mode (2)
b7
b0
Setting the count start bit to “1”
Count start register 0
(Address 4016)
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A4 count start bit
Count starts.
Continued from preceding
Figure 7.4.2
Setting port P6 and port P2 direction registers
b7
b0
Port P6 direction register (Address 1016)
Pin TA0OUT
Pin TA0IN
Setting interrupt priority level
b7
b0
Timer Aj interrupt control register (j = 0 to 2, 4, 9)
(Addresses 7516 to 7716, 7916, F916)
Interrupt priority level select bits
When using interrupts, set these bits to one of levels
1 to 7.
When disabling interrupts, set these bits to level 0.
b7
b0
Port P2 direction register (Address 816)
Clear the bit corresponding to the TAjIN pin to “0.”
When selecting the TAjOUT pin’s input signal as up-down switching factor,
clear the bit corresponding to the TAjOUT pin to “0.”
When selecting the two–phase pulse signal processing function, clear the
bits corresponding to the TA2OUT, TA4OUT, and TA9OUT pins to “0.”
Pin TA4OUT
Pin TA1OUT
Pin TA1IN
Pin TA4IN
Pin TA2OUT
Pin TA2IN
Pin TA9OUT
Pin TA9IN
b7
b0
Count start register 1
(Address 4116)
Timer A9 count start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com