Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 120Page - Renesas Technology Corp 7906 Datasheet HTML 121Page - Renesas Technology Corp 7906 Datasheet HTML 122Page - Renesas Technology Corp 7906 Datasheet HTML 123Page - Renesas Technology Corp 7906 Datasheet HTML 124Page - Renesas Technology Corp 7906 Datasheet HTML 125Page - Renesas Technology Corp 7906 Datasheet HTML 126Page - Renesas Technology Corp 7906 Datasheet HTML 127Page - Renesas Technology Corp 7906 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-21
7.4 Event counter mode
7.4.1 Setting for event counter mode
Figures 7.4.2 and 7.4.3 show an initial setting example for registers related to the event counter mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “CHAPTER 6.
INTERRUPTS.”
Fig. 7.4.2 Initial setting example for registers related to event counter mode (1)
✻ The counter divides the count source frequency by (n + 1)
when counting down, or by (FFFF16 – n + 1) when counting up.
Continued to Figure 7.4.3
on the next page
b7
b0
01
0
Selecting event counter mode and each function
Timer Aj mode register (j = 0 to 2, 4, 9)
(Addresses 5616 to 5816, 5A16, DA16)
Pulse output function select bit
0: No pulse output
1: Pulse output
Count polarity select bit
0: Counts at falling edge of external signal.
1: Counts at rising edge of external signal.
Up-down switching factor select bit
0: Contents of up-down register
1: Input signal to TAjOUT pin
Selection of event counter mode
Setting divide ratio
b7
b0
Can be set to
“000016” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
X: It may be either “0” or “1.”
✕ ✕
b7
b0
Setting up–down register
Up–down register 0 (Address 4416)
Timer A1 up–down bit
Timer A0 up–down bit
Timer A2 up–down bit
Timer A4 up–down bit
Timer A2 two–phase pulse
signal processing select bit
Timer A4 two–phase pulse
signal processing select bit
Set to the corresponding up–down bit when the
contents of the up-down register are selected as
the up-down switching factor.
0: Countdown
1: Countup
0: Two–phase pulse signal processing
function disabled
1: Two–phase pulse signal processing
function enabled
Set the corresponding bit to “1” when the
two–phase pulse signal processing function
is selected for timers A2 and A4.
b7
b0
Up–down register 1 (Address C416)
Timer A9 up–down bit
Timer A9 two–phase pulse
signal processing select bit
Set to the corresponding up–down bit when the contents
of the up-down register are selected as the up-down
switching factor.
0: Countdown
1: Countup
0: Two–phase pulse signal processing
function disabled
1: Two–phase pulse signal processing
function enabled
Set the corresponding bit to “1” when the
two–phase pulse signal processing function
is selected for timer A9.
00
00
000 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com