Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 123Page - Renesas Technology Corp 7906 Datasheet HTML 124Page - Renesas Technology Corp 7906 Datasheet HTML 125Page - Renesas Technology Corp 7906 Datasheet HTML 126Page - Renesas Technology Corp 7906 Datasheet HTML 127Page - Renesas Technology Corp 7906 Datasheet HTML 128Page - Renesas Technology Corp 7906 Datasheet HTML 129Page - Renesas Technology Corp 7906 Datasheet HTML 130Page - Renesas Technology Corp 7906 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-24
7.4 Event counter mode
7.4.3 Switching between countup and countdown
Figure 7.4.5 shows structures of the up-down registers 0 and 1.
The up-down register or the input signal from the TAjOUT pin is used to switch countup from and to
countdown. This switching is performed by the up-down bit when the up-down switching factor select bit
(bit 4 at addresses 5616 to 5816, 5A16, DA16) is “0,” and by the input signal from the TAjOUT pin when the up-
down switching factor select bit is “1.”
When the switching between countup and countdown is set while counting is in progress, this switching is
actually performed when the count source’s next valid edge is input.
(1)
Switching by up-down bit
Countdown is performed when the up-down bit is “0,” and countup is performed when the up-down
bit is “1.” Figure 7.4.5 shows the structures of the up-down registers 0 and 1.
(2)
Switching by TAjOUT pin’s input signal
Countdown is performed when the TAjOUT pin’s input signal is at “L” level, and countup is performed
when the TAjOUT pin’s input signal is at “H” level.
When using the TAjOUT pin’s input signal to switch countup from and to countdown, set the port P2
and port P6 direction registers’ bits which correspond to the TAjOUT pin for the input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com