Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 131 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 131 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 127Page - Renesas Technology Corp 7906 Datasheet HTML 128Page - Renesas Technology Corp 7906 Datasheet HTML 129Page - Renesas Technology Corp 7906 Datasheet HTML 130Page - Renesas Technology Corp 7906 Datasheet HTML 131Page - Renesas Technology Corp 7906 Datasheet HTML 132Page - Renesas Technology Corp 7906 Datasheet HTML 133Page - Renesas Technology Corp 7906 Datasheet HTML 134Page - Renesas Technology Corp 7906 Datasheet HTML 135Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-28
[Precautions for event counter mode]
1. Each of timers A3, A5 to A8 is not equipped with the event counter mode.
2. While counting is in progress, by reading the timer Aj (j = 0 to 2, 4, 9) register, the counter value can
be read out at any timing. However, if the timer Aj register is read at the reload timing shown in Figure
7.4.9, the value “FFFF16” (at an underflow) or “000016” (at the overflow) is read out. If reading is
performed in the period from when a value is set into the timer Aj register with the counter stopped until
the counter starts counting, the set value is correctly read out.
[Precautions for event counter mode]
Fig. 7.4.9 Reading timer Aj register
3. The TAjOUT pin is used for all functions listed below. Accordingly, only one of these functions can be
selected for each timer.
q Switching between countup and countdown by TAjOUT pin’s input signal
q Pulse output function
q Two-phase pulse signal processing function (Timers A2, A4, A9)
21
0
n
n – 1
Counter value
(Hex.)
21
0
FFFF n – 1
Read value
(Hex.)
Reload
Time
n : reload register’s contents
(1) For countdown
FFFD FFFE FFFF
n
n + 1
FFFD FFFE FFFF 0000 n + 1
(2) For countup
Counter value
(Hex.)
Read value
(Hex.)
Reload
Time
n : reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com