Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 130Page - Renesas Technology Corp 7906 Datasheet HTML 131Page - Renesas Technology Corp 7906 Datasheet HTML 132Page - Renesas Technology Corp 7906 Datasheet HTML 133Page - Renesas Technology Corp 7906 Datasheet HTML 134Page - Renesas Technology Corp 7906 Datasheet HTML 135Page - Renesas Technology Corp 7906 Datasheet HTML 136Page - Renesas Technology Corp 7906 Datasheet HTML 137Page - Renesas Technology Corp 7906 Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-31
7.5.1 Setting for one-shot pulse mode
Figures 7.5.2 and 7.5.3 show an initial setting example for registers related to the one-shot pulse mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “CHAPTER 6.
INTERRUPTS.”
7.5 One-shot pulse mode
Fig. 7.5.2 Initial setting example for registers related to one-shot pulse mode (1)
Continued to Figure 7.5.3
on the next page
Setting interrupt priority level
b7
b0
Timer Aj interrupt control register (j = 0 to 2, 4, 9)
(Addresses 7516 to 7716, 7916, F916)
Interrupt priority level select bits
When using interrupts, set these bits to one of levels 1 to 7.
When disabling interrupts, set these bits to level 0.
b7
b0
10
0
Selecting one-shot pulse mode and each function
Timer Aj mode register (j = 0 to 2, 4, 9)
(Addresses 5616 to 5816, 5A16, DA16)
1
Trigger select bits
0 0 :
0 1 :
1 0 : Falling of TAjIN pin’s input signal: External trigger
1 1 : Rising of TAjIN pin’s input signal: External trigger
b4 b3
Count source select bits
See Table 7.2.3.
Selection of one-shot pulse mode
Setting “H” level width of one-shot pulse
b7
b0
Can be set to “000016” to “FFFF16” (n).
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
“H” level width =
fi = Frequency of count source
However, if n = “000016”, the counter does not operate and the
TAjOUT pin outputs “L” level. At this time, no timer Aj interrupt
request occurs.
Writing “1” to one-shot start bit: Internal trigger
fi
Note.
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com