Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 133Page - Renesas Technology Corp 7906 Datasheet HTML 134Page - Renesas Technology Corp 7906 Datasheet HTML 135Page - Renesas Technology Corp 7906 Datasheet HTML 136Page - Renesas Technology Corp 7906 Datasheet HTML 137Page - Renesas Technology Corp 7906 Datasheet HTML 138Page - Renesas Technology Corp 7906 Datasheet HTML 139Page - Renesas Technology Corp 7906 Datasheet HTML 140Page - Renesas Technology Corp 7906 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-34
Fig. 7.5.4 Structures of one-shot start registers 0 and 1
7.5 One-shot pulse mode
0
1
2
3
4
6, 5
7
WO
WO
WO
WO
WO
–
RW
0
0
0
0
0
Undefined
0
One-shot start register 0 (Address 4216)
b7 b6 b5 b4 b3 b2 b1 b0
1 : Start outputting one-shot pulse.
(Valid when an internal trigger is selected.)
The value is “0” at reading.
0
Timer A0 one-shot start bit
Timer A1 one-shot start bit
Timer A2 one-shot start bit
Fix this bit to “0.”
Timer A4 one-shot start bit
Nothing is assigned.
Fix this bit to “0.”
Bit name
Bit
Function
At reset
R/W
1 : Start outputting one-shot pulse.
(Valid when an internal trigger is selected.)
The value is “0” at reading.
3 to 0
4
6, 5
7
WO
WO
–
RW
0
0
Undefined
0
One-shot start register 1 (Address 4316)
b7 b6 b5 b4 b3 b2 b1 b0
0
Fix these bits to “0000.”
Timer A9 one-shot start bit
Nothing is assigned.
Fix this bit to “0.”
Bit name
Bit
Function
At reset
R/W
1 : Start outputting one-shot pulse.
(Valid when an internal trigger is selected.)
The value is “0” at reading.
0
00 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com