Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 136Page - Renesas Technology Corp 7906 Datasheet HTML 137Page - Renesas Technology Corp 7906 Datasheet HTML 138Page - Renesas Technology Corp 7906 Datasheet HTML 139Page - Renesas Technology Corp 7906 Datasheet HTML 140Page - Renesas Technology Corp 7906 Datasheet HTML 141Page - Renesas Technology Corp 7906 Datasheet HTML 142Page - Renesas Technology Corp 7906 Datasheet HTML 143Page - Renesas Technology Corp 7906 Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-37
[Precautions for one-shot pulse mode]
[Precautions for one-shot pulse mode]
1. Each of timers A3, A5 to A8 is not equipped with the one-shot pulse mode.
2. If the count start bit is cleared to “0” during counting, the counter becomes as follows:
•The counter stops counting, and the reload register’s contents are reloaded into the counter.
•The TAjOUT pin’s output level becomes “L.”
•The timer Aj interrupt request bit is set to “1.”
3. A one-shot pulse is output synchronously with an internally generated count source. Accordingly, when
selecting an external trigger, there will be a delay equivalent to one cycle of the count source at
maximum, in a period from when a trigger is input to the TAjIN pin until a one-shot pulse is output.
Fig. 7.5.6 Output delay in one-shot pulse output
4. When the timer’s operating mode has been set by one of the following procedures, the timer Aj interrupt
request bit will be set to “1.”
qWhen the one-shot pulse mode is selected after reset
qWhen the operating mode is switched from the timer mode to the one-shot pulse mode
qWhen the operating mode is switched from the event counter mode to the one-shot pulse mode
Accordingly, when using a timer Aj interrupt (interrupt request bit), be sure to clear the timer Aj interrupt
request bit to “0” after the above setting.
Note: The above applies when an external trigger (falling edge of TAjIN pin’s input signal) is selected.
TAjIN pin’s
input signal
Count
source
Trigger input
Starts outputting of one-shot pulse
One-shot pulse
output from
TAjOUT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com