Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 139Page - Renesas Technology Corp 7906 Datasheet HTML 140Page - Renesas Technology Corp 7906 Datasheet HTML 141Page - Renesas Technology Corp 7906 Datasheet HTML 142Page - Renesas Technology Corp 7906 Datasheet HTML 143Page - Renesas Technology Corp 7906 Datasheet HTML 144Page - Renesas Technology Corp 7906 Datasheet HTML 145Page - Renesas Technology Corp 7906 Datasheet HTML 146Page - Renesas Technology Corp 7906 Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-40
7.6 Pulse width modulation (PWM) mode
7.6.1 Setting for PWM mode
Figures 7.6.2 and 7.6.3 show an initial setting example for registers relevant to the PWM mode.
Note that when using interrupts, set up to enable the interrupts. For details, refer to “CHAPTER 6.
INTERRUPTS.”
Fig. 7.6.2 Initial setting example for registers related to PWM mode (1)
Note. When operating as 8-bit pulse width modulator
(m+1) (2 – 1)
fi
n(m+1)
fi
However, if n = “0016”, the pulse width modulator
does not operate and the TAjOUT pin outputs “L”
level. At this time, no timer Aj interrupt request
occurs.
b7
b0
Count source select bits
See Table 7.2.3.
11
Selecting PWM mode and each function
Timer Aj mode register (j = 0 to 2, 4, 9)
(Addresses 5616 to 5816, 5A16, DA16)
1
16/8-bit PWM mode select bit
0 : Operates as 16-bit pulse width modulator
1 : Operates as 8-bit pulse width modulator
Continued to Figure 7.6.3
on the next page
Trigger select bits
0 0 :
0 1 :
1 0 : Falling edge of TAjIN pin’s input signal: External trigger
1 1 : Rising edge of TAjIN pin’s input signal: External trigger
b3
b4
Selection of PWM mode
Setting PWM pulse’s period and “H” level width
b7
b0
Can be set to “000016” to “FFFE16” (n)
(b15)
(b8)
b7
b0
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
Note. When operating as 16-bit pulse width modulator
2 – 1
fi
n
fi
However, if n = “000016”, the pulse width modulator does
not operate and the TAjOUT pin outputs “L” level. At this
time, no timer Aj interrupt request occurs.
q When operating as 16-bit pulse width modulator
b7
b0
Can be set to “0016” to “FF16” (m)
(b15)
(b8)
b7
b0
q When operating as 8-bit pulse width modulator
Can be set to “0016” to “FE16” (n)
16
8
Timer A0 register (Addresses 4716, 4616)
Timer A1 register (Addresses 4916, 4816)
Timer A2 register (Addresses 4B16, 4A16)
Timer A4 register (Addresses 4F16, 4E16)
Timer A9 register (Addresses CF16, CE16)
Writing “1” to count start bit: Internal trigger
Period =
“H” level width =
Period =
“H” level width =
(fi : Frequency of
count source)
(fi : Frequency of count source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com