Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 144 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 144 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 140Page - Renesas Technology Corp 7906 Datasheet HTML 141Page - Renesas Technology Corp 7906 Datasheet HTML 142Page - Renesas Technology Corp 7906 Datasheet HTML 143Page - Renesas Technology Corp 7906 Datasheet HTML 144Page - Renesas Technology Corp 7906 Datasheet HTML 145Page - Renesas Technology Corp 7906 Datasheet HTML 146Page - Renesas Technology Corp 7906 Datasheet HTML 147Page - Renesas Technology Corp 7906 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-41
7.6 Pulse width modulation (PWM) mode
Fig. 7.6.3 Initial setting example for registers related to PWM mode (2)
Count starts.
When external trigger is selected
When internal trigger is selected
Continued from preceding
Figure 7.6.2
Trigger generated
b7
b0
Port P6 direction register
(Address 1016)
Setting port P6 and port P2 direction registers
Clear the corresponding bit to “0.”
Setting interrupt priority level
b7
b0
Timer Aj interrupt control register (j = 0 to 2, 4, 9)
(Addresses 7516 to 7716, 7916, F916)
Interrupt priority level select bits
When using interrupts, set these bits to one of levels 1 to 7.
When disabling interrupts, set these bits to level 0.
Trigger input
to TAjIN pin
Pin TA0IN
Pin TA1IN
Pin TA4IN
b7
b0
Port P2 direction register
(Address 816)
Pin TA2IN
Pin TA9IN
Setting count start bit to “1”
b7
b0
Count start register 0
(Address 4016)
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A4 count start bit
b7
b0
Count start register 1
(Address 4116)
Timer A9 count start bit
Setting count start bit to “1”
b7
b0
Count start register 0
(Address 4016)
Timer A0 count start bit
Timer A1 count start bit
Timer A2 count start bit
Timer A4 count start bit
b7
b0
Count start register 1
(Address 4116)
Timer A9 count start bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com