Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 144Page - Renesas Technology Corp 7906 Datasheet HTML 145Page - Renesas Technology Corp 7906 Datasheet HTML 146Page - Renesas Technology Corp 7906 Datasheet HTML 147Page - Renesas Technology Corp 7906 Datasheet HTML 148Page - Renesas Technology Corp 7906 Datasheet HTML 149Page - Renesas Technology Corp 7906 Datasheet HTML 150Page - Renesas Technology Corp 7906 Datasheet HTML 151Page - Renesas Technology Corp 7906 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-45
7.6 Pulse width modulation (PWM) mode
Fig. 7.6.6 Operation example of 8-bit pulse width modulator
➀ Count source
TAjIN pin’s
input signal
(1 / fi) ✕ (m + 1) ✕ (28 – 1)
PWM pulse output
from TAjOUT pin
Note: The above applies when n = “0216”, m = “0216”, and an external trigger
(falling edge of TAjIN pin’s input signal) is selected.
Timer Aj interrupt
request bit
Cleared to “0” when interrupt request is accepted or cleared by software.
fi: Frequency of count source
n: Reload register’s high-order 8 bits
m: Reload register’s low-order 8 bits
➀ The 8-bit prescaler counts the count source.
➁ The 8-bit pulse width modulator counts the 8-bit prescaler’s underflow signal.
➁ 8-bit prescaler’s
underflow signal
(1 / fi) ✕ (m + 1) ✕ (n)
(1 / fi) ✕ (m + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com