Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 146Page - Renesas Technology Corp 7906 Datasheet HTML 147Page - Renesas Technology Corp 7906 Datasheet HTML 148Page - Renesas Technology Corp 7906 Datasheet HTML 149Page - Renesas Technology Corp 7906 Datasheet HTML 150Page - Renesas Technology Corp 7906 Datasheet HTML 151Page - Renesas Technology Corp 7906 Datasheet HTML 152Page - Renesas Technology Corp 7906 Datasheet HTML 153Page - Renesas Technology Corp 7906 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 531 page
background image
TIMER A
7906 Group User’s Manual Rev.2.0
7-47
[Precautions for pulse width modulation (PWM) mode]
1. Each of timers A3, A5 to A8 is not equipped with the pulse width modulation (PWM) mode.
2. If the count start bit is cleared to “0” during PWM pulse output, the counter stops counting. If the TAjOUT
pin outputs “H” level at that time, the output level will become “L” and the timer Aj interrupt request bit
will be set to “1.” When the TAjOUT pin outputs “L” level at that time, the output level will not change and
no timer Aj interrupt request will occur.
3. When the timer’s operating mode is set by one of the following procedures, the timer Aj interrupt request
bit is set to “1.”
qWhen the PWM mode is selected after reset
qWhen the operating mode is switched from the timer mode to the PWM mode
qWhen the operating mode is switched from the event counter mode to the PWM mode
Accordingly, when using a timer Aj interrupt (interrupt request bit), be sure to clear the timer Aj interrupt
request bit to “0” after the above setting.
[Precautions for pulse width modulation (PWM) mode]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com