Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 149Page - Renesas Technology Corp 7906 Datasheet HTML 150Page - Renesas Technology Corp 7906 Datasheet HTML 151Page - Renesas Technology Corp 7906 Datasheet HTML 152Page - Renesas Technology Corp 7906 Datasheet HTML 153Page - Renesas Technology Corp 7906 Datasheet HTML 154Page - Renesas Technology Corp 7906 Datasheet HTML 155Page - Renesas Technology Corp 7906 Datasheet HTML 156Page - Renesas Technology Corp 7906 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-2
TIMER B
8.1 Overview, 8.2 Block description
8.1 Overview
Timer B consists of three counters (timers B0 to B2) each equipped with a 16-bit reload function. Timers
B0 to B2 have identical functions and operate independently of one other.
Timer Bi (i = 0 to 2) has three operating modes listed below.
(1)
Timer mode
The timer counts an internally generated count source.
(2)
Event counter mode
The timer counts an external signal.
(3)
Pulse period/Pulse width measurement mode
The timer measures an external signal’s pulse period or pulse width. In this mode, the following count
types are available:
• Count clear type
• Free-run type
8.2 Block description
Figure 8.2.1 shows the block diagram of timer B. Explanation of registers relevant to timer B is described
below.
Fig. 8.2.1 Block diagram of timer B
f2
f16
f64
f512
Count source select bits
•Timer
•Pulse period measurement/pulse
width measurement
Event counter
mode
Count start register
Counter reset circuit
Data bus (odd)
Data bus (even)
(Low-order 8 bits)
(High-order 8 bits)
Timer Bi reload register (16)
Timer Bi
interrupt
request bit
TBiIN
Timer Bi
overflow
flag
(Valid in the pulse period/pulse width
measurement mode.)
Timer Bi counter (16)
Polarity selection
and edge pulse
generator
Timer B2 clock source
select bit (Note)
Timer B2 clock source select bit : Bit 6 at address 6316
Note: Only for timer B2, a clock source in the event counter mode can be selected.
fX32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com