| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 155 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 155 Page - Renesas Technology Corp |
|
155 / 531 page ![]() 7906 Group User’s Manual Rev.2.0 8-4 TIMER B 0 1 2 3 4 5 6 7 8.2.3 Timer Bi mode register Figure 8.2.3 shows the structure of the timer Bi mode register. The operating mode select bits are used to select the operating mode of timer Bi. Bits 2 to 7 have different functions according to the operating mode. These bits are described in the paragraph of each operating mode. 8.2.2 Count start register This register is used to start and stop counting. One bit of this register corresponds to one timer. (This is the one-to-one relationship.) Figure 8.2.2 shows the structure of the count start register 0. Fig. 8.2.2 Structure of count start register 0 8.2 Block description Fig. 8.2.3 Structure of timer Bi mode register Count start register 0 (Address 4016) Timer A0 count start bit Timer A1 count start bit Timer A2 count start bit Timer A3 count start bit Timer A4 count start bit Timer B0 count start bit Timer B1 count start bit Timer B2 count start bit 0 0 0 0 0 0 0 0 RW RW RW RW RW RW RW RW b7 b6 b5 b4 b3 b2 b1 b0 0 : Stop counting 1 : Start counting Bit name Bit Function At reset R/W b7 b6 b5 b4 b3 b2 b1 b0 0 1 2 3 4 5 6 7 Operating mode select bits These bits have different functions according to the operating mode. Timer Bi mode register (i = 0 to 2) (Addresses 5B16 to 5D16) 0 0 : Timer mode 0 1 : Event counter mode 1 0 : Pulse period/Pulse width measurement mode 1 1 : Do not select. b1 b0 Note: Bit 5 is invalid in the timer and event counter modes; its value is undefined at reading. 0 0 0 0 0 Undefined 0 0 RW RW RW RW RW RO (Note) RW RW Bit name Bit Function At reset R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |