Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 155Page - Renesas Technology Corp 7906 Datasheet HTML 156Page - Renesas Technology Corp 7906 Datasheet HTML 157Page - Renesas Technology Corp 7906 Datasheet HTML 158Page - Renesas Technology Corp 7906 Datasheet HTML 159Page - Renesas Technology Corp 7906 Datasheet HTML 160Page - Renesas Technology Corp 7906 Datasheet HTML 161Page - Renesas Technology Corp 7906 Datasheet HTML 162Page - Renesas Technology Corp 7906 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-8
TIMER B
8.3 Timer mode
In this mode, the timer counts an internally generated count source. Table 8.3.1 lists the specifications of
the timer mode. Figure 8.3.1 shows the structures of the timer Bi register and timer Bi mode register in the
timer mode.
Table 8.3.1 Specifications of timer mode
8.3 Timer mode
Item
Count source fi
Count operation
Division ratio
Count start condition
Count stop condition
Interrupt request occurrence timing
TBiIN pin’s function
Read from timer Bi register
Write to timer Bi register
Specifications
f2, f16, f64, or f512
•Countdown
•When a counter underflow occurs, reload register’s contents are re-
loaded, and counting continues.
When the count start bit is set to “1.”
When the count start bit is cleared to “0.”
When a counter underflow occurs.
Programmable I/O port pin
Counter value can be read out.
q While counting is stopped
When a value is written to the timer Bi register, it is written to both
of the reload register and counter.
q While counting is in progress
When a value is written to the timer Bi register, it is written only to the
reload register. (Transferred to the counter at the next reload timing.)
1
(n + 1)
n: Timer Bi register’s set value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com