Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 158Page - Renesas Technology Corp 7906 Datasheet HTML 159Page - Renesas Technology Corp 7906 Datasheet HTML 160Page - Renesas Technology Corp 7906 Datasheet HTML 161Page - Renesas Technology Corp 7906 Datasheet HTML 162Page - Renesas Technology Corp 7906 Datasheet HTML 163Page - Renesas Technology Corp 7906 Datasheet HTML 164Page - Renesas Technology Corp 7906 Datasheet HTML 165Page - Renesas Technology Corp 7906 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-11
TIMER B
8.3 Timer mode
8.3.2 Operation in timer mode
➀ When the count start bit is set to “1,” the counter starts counting of the count source.
➁ When a counter underflow occurs, the reload register’s contents are reloaded and counting continues.
➂ The timer Bi interrupt request bit is set to “1” at the counter underflow in ➁. The interrupt request bit
remains set to “1” until the interrupt request is accepted or until the interrupt request bit is cleared to
“0” by software.
Figure 8.3.3 shows an example of operation in the timer mode.
Fig. 8.3.3 Example of operation in timer mode
Stops counting.
Restarts counting.
FFFF16
n
000016
Time
Count start bit
Timer Bi interrupt
request bit
Cleared to “0” when interrupt request is
accepted or cleared by software.
Set to “1” by software.
Starts counting.
Set to “1” by software.
1 / fi ✕ (n+1)
fi : Frequency of count source
Cleared to “0” by software.
n : Reload register’s contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com