| Electronic Components Datasheet Search |
|
7906 Datasheet(PDF) 164 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7906 Datasheet(HTML) 164 Page - Renesas Technology Corp |
|
164 / 531 page ![]() 7906 Group User’s Manual Rev.2.0 8-13 TIMER B 8.4 Event counter mode 8.4 Event counter mode In this mode, the timer counts an external signal. Table 8.4.1 lists the specifications of the event counter mode. Figure 8.4.1 shows the structures of the timer Bi register and the timer Bi mode register in the event counter mode. Table 8.4.1 Specifications of event counter mode Item Count source Count operation Division ratio Count start condition Count stop condition Interrupt request occurrence timing TBiIN pin’s function Read from timer Bi register Write to timer Bi register Specifications •External signal input to the TBiIN pin, or fX32 (Note 1) •The count source’s valid edge can be selected from the falling edge, the rising edge, and both of the falling and rising edges by software. •Countdown •When a counter underflow occurs, reload register’s contents are reloaded, and counting continues. When the count start bit is set to “1.” When the count start bit is cleared to “0.” When the counter underflow occurs. Count source input pin (Note 2) Counter value can be read out. q While counting is stopped When a value is written to the timer Bi register, it is written to both of the reload register and counter. q While counting is in progress When a value is written to the timer Bi register, it is written only to the reload register. (Transferred to the counter at the next reload timing.) (n + 1) 1 n: Timer Bi register’s set value Notes 1: Only for timer B2, fX32 can be selected. 2: When fX32 is selected as the count source in timer B2, the TB2IN pin can be used as a programmable I/O port pin or as I/O pins of other internal peripheral devices, which are multiplexed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |