Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 162Page - Renesas Technology Corp 7906 Datasheet HTML 163Page - Renesas Technology Corp 7906 Datasheet HTML 164Page - Renesas Technology Corp 7906 Datasheet HTML 165Page - Renesas Technology Corp 7906 Datasheet HTML 166Page - Renesas Technology Corp 7906 Datasheet HTML 167Page - Renesas Technology Corp 7906 Datasheet HTML 168Page - Renesas Technology Corp 7906 Datasheet HTML 169Page - Renesas Technology Corp 7906 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-15
TIMER B
8.4 Event counter mode
8.4.1 Count source
For timer B2 in the event counter mode, a count source (an external signal into the TB2IN pin, or fX32) can
be selected by using the timer B2 clock source select bit. (See Figure 8.4.2.) Timers B0 and B1 count the
external signals input to the TB0IN and TB1IN pins, respectively.
When fX32 is selected as the count source, the TB2IN pin serves as a programmable I/O port pin or as I/
O pins of other internal peripheral devices, which are multiplexed.
Fig. 8.4.2 Structure of particular function select register 1
0
1
2
3
4
5
6
7
RW
(Note 2)
RW
(Note 2)
RW
RW
RW
—
RW
—
Notes 1: At power-on reset, this bit becomes “0.” At hardware reset or software reset, this bit retains the value just before reset.
2: Even when “1” is written, the bit status will not change.
3: Setting this bit to “1” must be performed just before execution of the WIT instruction. Also, after the wait state is termi-
nated, this bit must be cleared to “0” immediately.
(Note 1)
(Note 1)
0
0
0
0
0
0
Particular function select register 1 (Address 6316)
b7 b6 b5 b4 b3 b2 b1 b0
Bit name
Bit
Function
At reset
R/W
STP-instruction-execution
status bit
WIT-instruction-execution
status bit
Fix this bit to “0.”
System clock stop select bit
at WIT
(Note 3)
Fix this bit to “0.”
The value is “0” at reading.
Timer B2 clock source select bit
(Valid in event counter mode.)
The value is “0” at reading.
0 : Normal operation.
1 : During execution of STP instruction
0 : Normal operation.
1 : During execution of WIT instruction
0 : External signal input to the TB2IN pin is counted.
1 : fX32 is counted.
0 : In the wait mode, system clock fsys is active.
1 : In the wait mode, system clock fsys is inactive.
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com