Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 166Page - Renesas Technology Corp 7906 Datasheet HTML 167Page - Renesas Technology Corp 7906 Datasheet HTML 168Page - Renesas Technology Corp 7906 Datasheet HTML 169Page - Renesas Technology Corp 7906 Datasheet HTML 170Page - Renesas Technology Corp 7906 Datasheet HTML 171Page - Renesas Technology Corp 7906 Datasheet HTML 172Page - Renesas Technology Corp 7906 Datasheet HTML 173Page - Renesas Technology Corp 7906 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-19
TIMER B
8.5 Pulse period/Pulse width measurement mode
8.5 Pulse period/Pulse width measurement mode
In this mode, the timer measures an external signal’s pulse period or pulse width. Tables 8.5.1 and 8.5.2
list the specifications of the pulse period/pulse width measurement mode. Figure 8.5.1 shows the structures
of the timer Bi register and timer Bi mode register in the pulse period/pulse width measurement mode.
(1)
Pulse period measurement
The timer measures the pulse period of the external signal that is input to the TBiIN pin.
(2)
Pulse width measurement
The timer measures the pulse width (“L” level and “H” level widths) of the external signal that is input
to the TBiIN pin.
Table 8.5.1 Specifications of pulse period/pulse width measurement mode (when counter clear type is selected)
Item
Count source fi
Count operation
Count start condition
Count stop condition
Interrupt request occurrence timing
TBiIN pin’s function
Read from timer Bi register
Write to timer Bi register
Timer Bi overflow flag: This bit is used to identify the source of an interrupt request occurrence.
Notes 1: No interrupt request occurs when the first valid edge is input after the counter starts counting.
2: When using timer B2, make sure that the timer B2 clock source select bit (see Figure 8.4.2.) to
“0.”
3: The value read out from the timer Bi register is undefined in the period after the counter starts
counting until the second valid edge is input.
Specifications
f2, f16, f64, or f512
q Countup
q Counter value is transferred to the reload register at valid edge of
measurement pulse, and counting continues after clearing the counter
value to “000016.”
When the count start bit is set to “1.”
When the count start bit is cleared to “0.”
q When a valid edge of measurement pulse is input (Note 1).
q When a counter overflow occurs (The timer Bi overflow flag is set
to “1” simultaneously.)
Measurement pulse input pin (Note 2)
The value obtained by reading the timer Bi register is the reload
register’s contents (Measurement result) (Note 3).
Invalid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com