Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 170Page - Renesas Technology Corp 7906 Datasheet HTML 171Page - Renesas Technology Corp 7906 Datasheet HTML 172Page - Renesas Technology Corp 7906 Datasheet HTML 173Page - Renesas Technology Corp 7906 Datasheet HTML 174Page - Renesas Technology Corp 7906 Datasheet HTML 175Page - Renesas Technology Corp 7906 Datasheet HTML 176Page - Renesas Technology Corp 7906 Datasheet HTML 177Page - Renesas Technology Corp 7906 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-23
TIMER B
8.5 Pulse period/pulse width measurement mode
8.5.2 Operation in pulse period/pulse width measurement mode
s When counter clear type is selected
➀ When the count start bit is set to “1,” the counter starts counting of the count source.
➁ The counter value is transferred to the reload register when a valid edge of the measurement pulse
is detected. (Refer to section “(1) Pulse period/Pulse width measurement.”)
➂ The counter value is cleared to “000016” after the transfer in ➁, and the counter continues counting.
➃ The timer Bi interrupt request bit is set to “1” when the counter value is cleared to “000016” in ➂ (Note).
The interrupt request bit remains set to “1” until the interrupt request is accepted or until the interrupt
request bit is cleared to “0” by software.
➄ The timer repeats operations ➁ to ➃ above.
Note: No timer Bi interrupt request occurs when the first valid edge is input after the counter starts counting.
s When free-run type is selected
➀ When the count start bit is set to “1,” the counter starts counting of the count source.
➁ The counter value is transferred to the reload register when a valid edge of the measurement pulse
is detected. (Refer to section “(1) Pulse period/Pulse width measurement.”)
➂ The timer Bi interrupt request bit is set to “1” after the transfer in ➁ (Note).
The interrupt request bit remains set to “1” until the interrupt request is accepted or until the interrupt
request bit is cleared to “0” by software.
The counter continues counting with the counter value kept.
➃ When a counter overflow occurs, the timer Bi overflow flag is set to “1,” and counting continues after
clearing the counter value to “000016 .” At this time, the timer Bi interrupt request bit does not change.
➄ The timer repeats operations ➁ to ➃ above.
Note: No timer Bi interrupt request occurs when the first valid edge is input after the counter starts counting.
(1)
Pulse period/pulse width measurement
The measurement mode select bits (bits 3 and 2 at addresses 5B16 and 5D16) specify whether the
pulse period of an external signal is measured or its pulse width is done. Table 8.5.3 lists the
relationship between the measurement mode select bits and the pulse period/pulse width measurements.
Make sure that the measurement pulse interval from the falling edge to the rising edge, and vice
versa are two cycles of the count source or more. Additionally, use software to identify whether the
measurement result indicates the “H” level width or the “L” level width.
Table 8.5.3 Relationship between measurement mode select bits and pulse period/pulse width measurements
b3
0
0
1
Pulse period/Pulse width measurement
Pulse period measurement
Pulse width measurement
Measurement interval (Valid edges)
From falling edge to falling edge (Falling edges)
From rising edge to rising edge (Rising edges)
From falling edge to rising edge, and vice versa
(Falling and rising edges)
b2
0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com