Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 173Page - Renesas Technology Corp 7906 Datasheet HTML 174Page - Renesas Technology Corp 7906 Datasheet HTML 175Page - Renesas Technology Corp 7906 Datasheet HTML 176Page - Renesas Technology Corp 7906 Datasheet HTML 177Page - Renesas Technology Corp 7906 Datasheet HTML 178Page - Renesas Technology Corp 7906 Datasheet HTML 179Page - Renesas Technology Corp 7906 Datasheet HTML 180Page - Renesas Technology Corp 7906 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-26
TIMER B
8.5 Pulse period/pulse width measurement mode
Fig. 8.5.5 Operation examples during pulse period measurement (when free-run count type is selected)
➁
➀
Count source
Measurement pulse
FFFF16
Undefined
value
000016
Transferred
(undefined value)
Transferred
(measured value)
Reload register
Counter
Transfer timing
Timing at which counter is
cleared to “000016”
Count start bit
request bit
Timer Bi interrupt
Cleared to “0” when interrupt request is accepted or
cleared to “0” by software.
➀ Counter is initialized by the first valid edge.
➁ Counter overflows.
✽The above applies when measurement is performed for an interval from one falling edge to the next
falling edge of the measurement pulse.
Cleared to “0” by software.
Undefined
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com