Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 176Page - Renesas Technology Corp 7906 Datasheet HTML 177Page - Renesas Technology Corp 7906 Datasheet HTML 178Page - Renesas Technology Corp 7906 Datasheet HTML 179Page - Renesas Technology Corp 7906 Datasheet HTML 180Page - Renesas Technology Corp 7906 Datasheet HTML 181Page - Renesas Technology Corp 7906 Datasheet HTML 182Page - Renesas Technology Corp 7906 Datasheet HTML 183Page - Renesas Technology Corp 7906 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 531 page
background image
7906 Group User’s Manual Rev.2.0
8-29
TIMER B
[Precautions for pulse period/pulse width measurement mode]
[Precautions for pulse period/pulse width measurement mode]
1. When the counter clear type is selected, a timer Bi interrupt request is generated by one of the following
sources:
q Valid edge input of measured pulse
q Counter overflow
When an overflow generates an interrupt request, the timer Bi overflow flag will be set to “1.”
2. When the free-run type is selected, the timer Bi interrupt request is generated only by the valid edge input
of the pulse to be measured.
3. After reset, the timer Bi overflow flag is undefined. When a value is written to the timer Bi mode register
after the next count timing of the count source with the count start bit = “1,” this flag will be cleared to
“0.”
4. An undefined value is transferred to the reload register at the first valid edge input after the count start.
In this case, no timer Bi interrupt request will occur.
5. The counter value at count start is undefined. Therefore, there is a possibility that a counter overflow
occurs immediately after the counting starts. In this case, the timer Bi overflow flag becomes “1”; and
when the counter clear type is selected, a timer Bi interrupt request is generated.
6. If the contents of the measurement mode select bits are changed after the count start, the timer Bi
interrupt request bit is set to “1.” When the value, which has been set in these bits before, are written
again, the timer Bi interrupt request bit will not change.
7. When using timer B2, be sure to clear the timer B2 clock source select bit (bit 6 at address 6316) to “0.”
8. If the input signal to the TBiIN pin is affected by noise, etc., there is a possibility that the counter cannot
perform the exact measurement. We recommend to verify, by software, that the measurement values are
within a constant range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com