Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 179Page - Renesas Technology Corp 7906 Datasheet HTML 180Page - Renesas Technology Corp 7906 Datasheet HTML 181Page - Renesas Technology Corp 7906 Datasheet HTML 182Page - Renesas Technology Corp 7906 Datasheet HTML 183Page - Renesas Technology Corp 7906 Datasheet HTML 184Page - Renesas Technology Corp 7906 Datasheet HTML 185Page - Renesas Technology Corp 7906 Datasheet HTML 186Page - Renesas Technology Corp 7906 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-2
9.1 Overview
9.1 Overview
The pulse output port mode function is used to change the output levels at several pins simultaneously with
the following: each underflow occurrence in timer A or each valid edge input of an external signal. The pulse
output port mode has two operation modes as listed in Table 9.1.1.
Table 9.1.1 Overview of pulse output port mode
Note: The pulse output pins, where pulse width modulation is to be applied, determine the timer to be used.
➀ 6 pins
RTP00 to RTP03, RTP10, RTP11: timer A1
➁ 2 groups of 3 pins
• RTP00 to RTP02: timer A1
• RTP03, RTP10, RTP11: timer A2
➂ 3 groups of 2 pins
• RTP00, RTP01: timer A1
• RTP02, RTP03: timer A2
• RTP10, RTP11: timer A4
Operation mode
Pulse mode 0
Pulse mode 1
Pulse output pins
Pulse output
trigger
Register where
output data is to
be set
Pulse width
modulation
Negative pulse output
Pulse-output-
cutoff signal
input pin
RTP00 to RTP03
(P60 to P63)
Underflow occurrence in
timer A0
or
Valid edge of signal input
to pin RTPTRG0
Three-phase output data
register 0
(bits 0 to 3)
Available
(timer A1 used)
Available
P6OUTCUT
(Input of falling edge)
RTP10, RTP11
(P64, P65)
Underflow of timer A3
Three-phase output
data register 1
(bits 4, 5)
Not available
Available
—
RTP00 to RTP03, RTP10, RTP11
(P60 to P63, P64, P65)
Underflow of timer A0 or Valid edge
of signal input to pin RTPTRG0
Three-phase output data register 0
(bits 0 to 5)
Available (Note)
(timers A1, A2, A4 used)
Available
P6OUTCUT
(Input of falling edge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com