Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 187 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 187 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 183Page - Renesas Technology Corp 7906 Datasheet HTML 184Page - Renesas Technology Corp 7906 Datasheet HTML 185Page - Renesas Technology Corp 7906 Datasheet HTML 186Page - Renesas Technology Corp 7906 Datasheet HTML 187Page - Renesas Technology Corp 7906 Datasheet HTML 188Page - Renesas Technology Corp 7906 Datasheet HTML 189Page - Renesas Technology Corp 7906 Datasheet HTML 190Page - Renesas Technology Corp 7906 Datasheet HTML 191Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-6
9.2 Block description
9.2.2 Three-phase output data registers 0, 1
Figure 9.2.3 shows the structures of three-phase output data registers 0, 1 (in the pulse output port mode).
Fig. 9.2.3 Structures of three-phase output data registers 0, 1 (in pulse output port mode)
0
1
2
3
4
5
7, 6
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
Bit name
Bit
Three-phase output data register 0 (Address A816)
Function
At reset
R/W
b7 b6 b5 b4 b3 b2 b1 b0
0 : “L” level output
1 : “H” level output
Note: Invalid in pulse mode 0.
RTP00 pulse output data bit
RTP01 pulse output data bit
RTP02 pulse output data bit
RTP03 pulse output data bit
RTP10 pulse output data bit
(Valid in pulse mode 1.) (Note)
RTP11 pulse output data bit
(Valid in pulse mode 1.) (Note)
Pulse output trigger select bits
0 : “L” level output
1 : “H” level output
0 0 : Underflow of timer A0
0 1 : Falling edge of input signal to pin RTPTRG0
1 0 : Rising edge of input signal to pin RTPTRG0
1 1 : Both falling and rising edges of input signal to
pin RTPTRG0
b7 b6
Three-phase output data register 1 (Address A916)
Pulse width modulation enable
bit 0
Pulse width modulation enable
bit 1
Pulse width modulation enable
bit 2
Pulse output polarity select bit
RTP10 pulse output data bit
(Valid in pulse mode 0) (Note)
RTP11 pulse output data bit
(Valid in pulse mode 0) (Note)
X
0
1
2
3
4
5
6
7
RW
RW
RW
RW
RW
RW
RW
RW
0
0
0
0
0
0
0
0
Bit name
Bit
Function
At reset
R/W
0 : Positive
1 : Negative
0 : No pulse width modulation by timer A1
1 : Pulse width modulation by timer A1
b7 b6 b5 b4 b3 b2 b1 b0
0 : No pulse width modulation by timer A2
1 : Pulse width modulation by timer A2
0 : No pulse width modulation by timer A4
1 : Pulse width modulation by timer A4
0 : “L” level output
1 : “H” level output
X
X: It may be either “0” or “1.”
Note: Invalid in pulse mode 1.
Invalid in pulse output port mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com