Electronic Components Datasheet Search
  English  ▼

X  

7906 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # 7906
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  531 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7906 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button 7906 Datasheet HTML 186Page - Renesas Technology Corp 7906 Datasheet HTML 187Page - Renesas Technology Corp 7906 Datasheet HTML 188Page - Renesas Technology Corp 7906 Datasheet HTML 189Page - Renesas Technology Corp 7906 Datasheet HTML 190Page - Renesas Technology Corp 7906 Datasheet HTML 191Page - Renesas Technology Corp 7906 Datasheet HTML 192Page - Renesas Technology Corp 7906 Datasheet HTML 193Page - Renesas Technology Corp 7906 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 531 page
background image
PULSE OUTPUT PORT MODE
7906 Group User’s Manual Rev.2.0
9-9
9.2 Block description
Fig. 9.2.4 Structure of port P2 pin function control register
9.2.3 Port P2 direction register, Port P7 direction register
Figure 9.2.4 shows the structure of the port P2 pin function control register; Figure 9.2.5 shows the
relationship between the port P2/P7 direction register and pulse output trigger input pins.
The allocation of the pulse output trigger input pin can be changed by the pin INT3/RTPTRG0 select bit.
When using pin P74(P27)/RTPTRG0 as a pulse output trigger input pin, be sure to clear the corresponding
bit of the direction register of the port, which is multiplexed with pin RTPTRG0, in order to set this port pin
for the input mode.
Port P2 pin function control register (Address AE16)
0
1
2
3
6 to 4
7
Bit name
Bit
Function
At reset
R/W
Pin TB0IN select bit
Pin TB1IN select bit
Pin TB2IN select bit
Pin INT3/RTPTRG0 select bit
(Note)
Nothing is assigned.
Fix this bit to “0.”
b7 b6 b5 b4 b3 b2 b1 b0
0 : Allocate pin TB2IN to P57.
1 : Allocate pin TB2IN to P26.
0: Allocate pin INT3/RTPTRG0 to P74.
1: Allocate pin INT3/RTPTRG0 to P27.
0 : Allocate pin TB0IN to P55.
1 : Allocate pin TB0IN to P24.
0 : Allocate pin TB1IN to P56.
1 : Allocate pin TB1IN to P25.
0
0
0
0
Undefined
0
RW
RW
RW
RW
—
RW
Note: When allocating pin INT3/RTPTRG0 to P74, be sure that the D-A1 output enable bit (bit 1 at address 9616) = “0” (output
disabled).
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com